Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FH-SC Datasheet(PDF) 23 Page - Omron Electronics LLC

Part # FH-SC
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FH-SC Datasheet(HTML) 23 Page - Omron Electronics LLC

Back Button FH-SC Datasheet HTML 19Page - Omron Electronics LLC FH-SC Datasheet HTML 20Page - Omron Electronics LLC FH-SC Datasheet HTML 21Page - Omron Electronics LLC FH-SC Datasheet HTML 22Page - Omron Electronics LLC FH-SC Datasheet HTML 23Page - Omron Electronics LLC FH-SC Datasheet HTML 24Page - Omron Electronics LLC FH-SC Datasheet HTML 25Page - Omron Electronics LLC FH-SC Datasheet HTML 26Page - Omron Electronics LLC FH-SC Datasheet HTML 27Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
FH-Series
23
Maximum Extension Length Using Cable Extension Units FZ-VSJ
*1 The FH-S
@@@ enables switching between standard and high speed modes. In high speed mode, images can be transferred approximately
two times faster than in standard mode, but the connectable cable length will be shorter.
*2 The FH-S
@@@ has two channels to connect Camera Cables. Connection to two channels makes image transfer two times faster than
connection to one channel: high speed mode using two channels can transfer approximately four times as many images as standard mode
using one channel.
*3 Each channel can be used to connect up to two Cable Extension Units: up to four extension units, two channels x two units, can be connected
by using two channels.
Camera Cables
Model
Cable
length
Small digital CCD cameras
Pen type / flat type
Intelligent Compact
Digital CMOS Camera
FZ-SF/SFC
FZ-SP/SPC
FZ-SQ
@
Camera Cables
Right-angle
camera cables
FZ-VS3
FZ-VSL3
2 m
Yes
Yes
3 m
Yes
Yes
5 m
Yes
Yes
10 m
Yes
Yes
Bend resistant
camera cables
Bend resistant
Right-angle
Camera Cable
FZ-VSB3
FZ-VSLB3
2 m
Yes
Yes
3 m
Yes
Yes
5 m
Yes
Yes
10 m
Yes
Yes
Super Bend
resistant
Camera Cable
FZ-VSBX
5 m
Yes
Yes
10 m
Yes
Yes
Long-distance
camera cable
Long-distance
right-angle
camera cable
FZ-VS4
FZ-VSL4
15 m
Yes
Yes
Item
Model
Transmission
speed (*1)
No. of CH used
for connection
(*2)
Maximum cable length
using 1 Camera Cable
(*1)
Max. number of
connectable
Extension Units
Using Cable Extension Units FZ-VSJ
Max. cable
length
Connection
configuration
High-speed
Digital
CMOS Cameras
FH-SM/SC
---
---
15 m
(Using FZ-VS4/VSL4)
245 m
[Configuration 1]
Camera cable: 15 m
× 3
Extension Unit: 2
FH-SMX/SCX
FH-SMX01/SCX01
Standard
---
15 m
(Using FZ-VS4/VSL4)
245 m
[Configuration 1]
Camera cable: 15 m
× 3
Extension Unit: 2
High speed
---
5 m
(Using FZ-VS
@/VSL@)
215 m
[Configuration 3]
Camera cable: 5 m
× 3
Extension Unit: 2
FH-SM02/SC02
FH-SM04/SC04
FH-SM12/SC12
FH-SMX03/SCX03
FH-SMX05/SCX05
FH-SMX12/SCX12
Standard
1
15 m
(Using FZ-VS4/VSL4)
245 m
[Configuration 1]
Camera cable: 15 m
× 3
Extension Unit: 2
2
15 m
(Using FZ-VS4/VSL4)
4 (*3)
45 m
[Configuration 2]
Camera cable: 15 m
× 6
Extension Unit: 4
High speed
1
5 m
(Using FZ-VS
@/VSL@)
215 m
[Configuration 3]
Camera cable: 5 m
× 3
Extension Unit: 2
2
5 m
(Using FZ-VS
@/VSL@)
4 (*3)
15 m
[Configuration 4]
Camera cable: 5 m
× 6
Extension Unit: 4
Digital CMOS
Cameras
FH-SM21R/SC21R
Standard
1
15 m
(Using FZ-VS4/VSL4)
245 m
[Configuration 1]
Camera cable: 15 m
× 3
Extension Unit: 2
2
15 m
(Using FZ-VS4/VSL4)
4 (*3)
45 m
[Configuration 2]
Camera cable: 15 m
× 6
Extension Unit: 4
High speed
1
5 m
(Using FZ-VS
@/VSL@)
215 m
[Configuration 3]
Camera cable: 5 m
× 3
Extension Unit: 2
2
5 m
(Using FZ-VS
@/VSL@)
4 (*3)
15 m
[Configuration 4]
Camera cable: 5 m
× 6
Extension Unit: 4
FH-SM05R/SC05R
---
---
15 m
(Using FZ-VS
@/VSL@)
245 m
[Configuration 1]
Camera cable: 15 m
× 3
Extension Unit: 2
FZ-S5M3/SC5M3
---
---
5 m
(Using FZ-VS
@/VSL@)
215 m
[Configuration 3]
Camera cable: 5 m
× 3
Extension Unit: 2
Digital
CCD Cameras
FZ-S/SC
FZ-S2M/SC2M
---
---
15 m
(Using FZ-VS4/VSL4)
245 m
[Configuration 1]
Camera cable: 15 m
× 3
Extension Unit: 2
Small Digital
CCD Cameras
Flat type/
Pen type
FZ-SF/SFC
FZ-SP/SPC
---
---
15 m
(Using FZ-VS4/VSL4)
245 m
[Configuration 1]
Camera cable: 15 m
× 3
Extension Unit: 2
Intelligent
Compact Digital
CMOS Camera
FZ-SQ
@
---
---
15 m
(Using FZ-VS4/VSL4)
245 m
[Configuration 1]
Camera cable: 15 m
× 3
Extension Unit: 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com