Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FH-SC Datasheet(PDF) 27 Page - Omron Electronics LLC

Part # FH-SC
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FH-SC Datasheet(HTML) 27 Page - Omron Electronics LLC

Back Button FH-SC Datasheet HTML 23Page - Omron Electronics LLC FH-SC Datasheet HTML 24Page - Omron Electronics LLC FH-SC Datasheet HTML 25Page - Omron Electronics LLC FH-SC Datasheet HTML 26Page - Omron Electronics LLC FH-SC Datasheet HTML 27Page - Omron Electronics LLC FH-SC Datasheet HTML 28Page - Omron Electronics LLC FH-SC Datasheet HTML 29Page - Omron Electronics LLC FH-SC Datasheet HTML 30Page - Omron Electronics LLC FH-SC Datasheet HTML 31Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
FH-Series
27
Accessories
*1 Refer to the Vision Accessory Catalog (Cat. No. Q198) for details.
*2 This SD card cannot be used with the FH-L551/-L551-10. Use the recommended SD cards listed below.
Recommended SD Cards
For inquiries regarding the purchase and specifications of these products, please contact below.
Item
Descriptions
Model
USB Memory
2 GB
FZ-MEM2G
16 GB
FZ-MEM16G
SD Card
2 GB
HMC-SD292 *2
4 GB
HMC-SD492 *2
Display/USB Switcher
FZ-DU
---
Mouse Recommended Products
Driverless wired mouse
(A mouse that requires the mouse driver to be installed is not supported.)
---
EtherCAT junction slaves
3 port
Power supply voltage:
20.4 to 28.8 VDC
(24 VDC -15 to 20%)
Current consumption:
0.08 A
GX-JC03
6 port
Current consumption:
0.17 A
GX-JC06
Industrial Switching Hubs
for EtherNet/IP and Ether-
net
5 port
Current consumption:
0.07 A
W4S1-05D
--
Calibration Plate
FZD-CAL
Common items
related to DIN rail
(for FH-L551/-L551-10)
DIN rail mounting bracket
(For Lite Controllers)
FH-XDM-L
DIN 35mm rail
PHOENIX CONTACT
• Length: 75.5/95.5/115.5/200 cm
• Height: 7.5mm
• Material: Iron
• Surface: Conductive
NS 35/7,5
PERF
• Length:75.5/95.5/115.5/200 cm
• Height: 15mm
• Material: Iron
• Surface: Conductive
NS 35/15
PERF
End plate
PHOENIX CONTACT
Need 2 pieces each Sensor Con-
troller
CLIPFIX 35
---
External Lights *1
External lighting controller
LED
FLV Series
High-brightness LED
FL-BR/DR Series
Photometric Stereo Light
FL-PS Series
Built-in lighting controller
MDMC Light
FL-MD Series
For Intelligent Compact Digital CMOS Camera
Mounting Bracket
FQ-XL
Mounting Brackets
FQ-XL2
Polarizing Filter Attachment
FQ-XF1
---
Mounting Bracket for FZ-S
@, FH-S@05R, FZ-S@X
FZ-S-XLC
Mounting Bracket for FZ-S
@2M
FZ-S2M-XLC
Mounting Bracket for FH-S
@, FZ-S@5M@, FH-S@X05, FH-S@X12, FH-S@21R
FH-SM-XLC
Mounting Bracket for FH-S
@12
FH-SM12-XLC
M42 - F Mount Conversion Adapter
FH-ADF/M42-10
Item
Recommended manufacturer
Capacity
Model
Contact
HAGIWARA Solutions Co., Ltd.
2 GB
NSD6-002GS(P11SEI
Inquiry of purchase
Sales Agencies
https://www.hagisol.com/dealer/
4 GB
NSD6-004GS(P11SEI
Inquiry of specification
HAGIWARA Solutions Co., Ltd.
https://www.hagisol.com/support/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com