Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FH-SC Datasheet(PDF) 36 Page - Omron Electronics LLC

Part # FH-SC
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FH-SC Datasheet(HTML) 36 Page - Omron Electronics LLC

Back Button FH-SC Datasheet HTML 32Page - Omron Electronics LLC FH-SC Datasheet HTML 33Page - Omron Electronics LLC FH-SC Datasheet HTML 34Page - Omron Electronics LLC FH-SC Datasheet HTML 35Page - Omron Electronics LLC FH-SC Datasheet HTML 36Page - Omron Electronics LLC FH-SC Datasheet HTML 37Page - Omron Electronics LLC FH-SC Datasheet HTML 38Page - Omron Electronics LLC FH-SC Datasheet HTML 39Page - Omron Electronics LLC FH-SC Datasheet HTML 40Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
FH-Series
36
LCD Monitor
EtherCAT Communications Specifications
* This depends on the upper limit of the master.
Version Information
FH Series and Programming Devices
Use the latest version of Sysmac Studio Standard Edition/Vision Edition.
Model
FZ-M08
Size
8.4 inches
Type
Liquid crystal color TFT
Resolution
1,024
× 768 dots
Input signal
Analog RGB video input, 1 channel
Power supply voltage
21.6 to 26.4 VDC
Current
consumption
Approx. 0.7 A max.
Ambient
temperature range
Operating: 0 to 50
°C; Storage: -25 to 65 °C
(with no icing or condensation)
Ambient
humidity range
Operating and storage: 35 to 85% (with no con-
densation)
Weight
Approx. 1.2 kg
Accessories
Instruction Sheet and 4 mounting brackets
Item
Specifications
Communications standard
IEC61158 Type 12
Physical layer
100 BASE-TX (IEEE802.3)
Modulation
Base band
Baud rate
100 Mbps
Topology
Depends on the specifications of the EtherCAT master.
Transmission Media
Twisted-pair cable of category 5 or higher (double-shielded straight cable with aluminum tape and braiding)
Transmission Distance
Distance between nodes: 100 m or less
Node address setting
00 to 99
External connection terminals
RJ45
× 2 (shielded) IN: EtherCAT input data, OUT: EtherCAT output data
Send/receive PDO data sizes
Input
56 to 280 bytes/line (including input data, status, and unused areas) Up to 8 lines can be set. *
Output
28 bytes/line (including output data and unused areas) Up to 8 lines can be set. *
Mailbox data size
Input
512 bytes
Output
512 bytes
Mailbox
Emergency messages, SDO requests, and SDO information
Refreshing methods
I/O-synchronized refreshing (DC)
FH Series
Version of FH Series
Corresponding version of Sysmac Studio Standard Edition/Vision Edition
FH-5550 (-
@)
FH-5050 (-
@)
FH-2050 (-
@)
Version 6.51 or higher
Supported by version 1.53 or higher.
Version 6.40
Supported by version 1.43 or higher.
Version 6.31
Supported by version 1.30 or higher.
Version 6.21
Supported by version 1.26 or higher.
Version 6.11
Supported by version 1.25 or higher.
Version 5.72
Supported by version 1.18 or higher.
Version 5.71
Supported by version 1.18 or higher.
Version 5.60
Supported by version 1.15 or higher.
Version 5.50
Supported by version 1.14.89 or higher.
Version 5.30
Supported by version 1.10.80 or higher.
Version 5.20
Supported by version 1.10 or higher.
Version 5.10
Supported by version 1.07.43 or higher.
Version 5.00
Supported by version 1.07 or higher. Not supported by version 1.06 or lower.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com