Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SD2922 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SD2922
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2922 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SD2922 Datasheet HTML 4Page - STMicroelectronics SD2922 Datasheet HTML 5Page - STMicroelectronics SD2922 Datasheet HTML 6Page - STMicroelectronics SD2922 Datasheet HTML 7Page - STMicroelectronics SD2922 Datasheet HTML 8Page - STMicroelectronics SD2922 Datasheet HTML 9Page - STMicroelectronics SD2922 Datasheet HTML 10Page - STMicroelectronics SD2922 Datasheet HTML 11Page - STMicroelectronics SD2922 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
170
180
190
200
210
220
230
55
57.5
60
62.5
65
67.5
70
FREQUENCY (MHz)
Vdd=50V
I dq=600mA
Pout=250W
GC81940
Input Power vs Frequency
170
180
190
200
210
220
230
2
4
6
8
10
12
FREQUENCY (MHz)
Vdd=50V
I dq=600mA
Pout=250W
GC81920
Power Gain vs Frequency
170
180
190
200
210
220
230
12
13
14
15
16
17
FREQUE NCY (MHz )
Vdd=50V
Idq=600mA
Pout=250W
GC81930
Efficiency vs Frequency
Return Loss vs Frequency
170
180
190
200
210
220
230
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
FREQUENCY (MHz)
Vdd=50V
Idq=600mA
Pout=250W
GC81950
1 dB Compression
0
100
200
300
400
12.5
13.5
14.5
15.5
Pout, OUTPUT POWER (W)
Vdd=50V
Idq=600mA
Freq=175MHz
GC81960
1 dB Compression
0
100
200
300
400
12.5
13.5
14.5
15.5
Pou t, OUTPUT POWER (W)
Vdd=50V
Idq=600mA
Freq=230MHz
GC81970
TYPICAL BROADBAND DATA (175 - 230 MHz)
SD2922
8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com