Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SD2922 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SD2922
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2922 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SD2922 Datasheet HTML 5Page - STMicroelectronics SD2922 Datasheet HTML 6Page - STMicroelectronics SD2922 Datasheet HTML 7Page - STMicroelectronics SD2922 Datasheet HTML 8Page - STMicroelectronics SD2922 Datasheet HTML 9Page - STMicroelectronics SD2922 Datasheet HTML 10Page - STMicroelectronics SD2922 Datasheet HTML 11Page - STMicroelectronics SD2922 Datasheet HTML 12Page - STMicroelectronics SD2922 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
88 - 108 MHz Circuit Layout (Engineering Fixture)
88 -108 MHz Circuit Layout Component Part List
PCB
1/32” Woven Fiberglass 0.030 Cu, 2 sides, er =4.8
T1
50 Ohm Flexible Coax Cable OD 0.06”, 5” Long
T2 / T3
9:1 Transformer, 25 Ohm Flexible Coax Cable OD 0.1”, 3.9”. Ferrite Core NEOSIDE
T4 / T5
4:1Transformer, 25 Ohm Flexible Coax Cable OD 0.1”, 5” Long
T6
50 Ohm Flexible Coax Cable OD 0.1”, 5” Long
FB1
VK200
C1
10 pF Ceramic Cap
C2 / C3 / C4 / C7 / C8
1 nF Chip Cap
C5 / C6
1 nF ATC chip Cap
C9
470 pF ATC Chip Cap
C10
100 nF Chip Cap
C11
100 uF / 63 V Electrolytic Cap
R1
56 Ohm Resistor
R2/R4
10 Ohm Chip Resistor
R3
10K Ohm Resistor
R5
5.6K Ohm Resistor
R6
10K Ohm, 10 Turn Trim Resistor
R7
3.3K Ohm / 5 W Resistor
R8
15 Ohm / 1 W Resistor
D1
6.8 V Zener Diode
L1
10 nH Inductor
L2
40 nH Inductor
L3
70 nH Inductor
SD2922
11/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com