Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SD2922 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD2922
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2922 Datasheet(HTML) 3 Page - STMicroelectronics

  SD2922 Datasheet HTML 1Page - STMicroelectronics SD2922 Datasheet HTML 2Page - STMicroelectronics SD2922 Datasheet HTML 3Page - STMicroelectronics SD2922 Datasheet HTML 4Page - STMicroelectronics SD2922 Datasheet HTML 5Page - STMicroelectronics SD2922 Datasheet HTML 6Page - STMicroelectronics SD2922 Datasheet HTML 7Page - STMicroelectronics SD2922 Datasheet HTML 8Page - STMicroelectronics SD2922 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Maximum Thermal Resistance vs Case
Temperature
Capacitance vs Drain-Source Voltage
-25
0
25
50
75
100
0.85
0.9
0.95
1
1.05
1.1
1.15
Tc, CASE TEMPERATURE (ºC)
Id = 5A
Id = 4A
Id = 1A
Id = 0.25A
Id = 0.1A
GC81260
Id = 2A
DC Safe Operating Area
1
2
5
10
20
50
100
200
500
1,000
1
2
3
5
10
20
30
50
100
Vds, DRAIN S OURCE VO LTAGE (V)
(1)
GC81900
Drain Current vs Gate Voltage
1234567
0
2
4
6
8
10
12
VGS GATE-SOURCE VOLTAGE (VOLTS)
VDS = 10V
Tc= - 20
°C
Tc= 25
°C
Tc= 80
°C
GC8125 0
0
10
2030
405060
10
100
1000
10000
VDS, DRAIN-SOURCE VOLTAGE (VOLTS)
GC81240
Crss
Coss
Ciss
25
45
65
85
0. 34
0. 36
0. 38
0. 4
0. 42
Tc, Case Temperature (
°C)
GC83360
Gate Voltage vs Case Temperature
(1) Current in this area may be limited by RDS(on)
Two sides, each section equally loaded
SD2922
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com