Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1069505 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1069505
Description  Device connector, front mounting - M17-3EP1N8AA500S/1,5 - 1069505
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1069505 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1069505 Datasheet HTML 1Page - PHOENIX CONTACT 1069505 Datasheet HTML 2Page - PHOENIX CONTACT 1069505 Datasheet HTML 3Page - PHOENIX CONTACT 1069505 Datasheet HTML 4Page - PHOENIX CONTACT 1069505 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/gb/products/1069505
08/23/2021   Page 3 / 5
Device connector, front mounting - M17-3EP1N8AA500S/1,5 - 1069505
Technical data
Data of the insulating body
Rated voltage
630 V
Rated surge voltage
6 kV
Overvoltage category
III
Degree of pollution
3
Contact diameter of signal contacts
1.5 mm
Litz wire cross section of signal contacts min.
0.25 mm²
Litz wire cross section of signal contacts max.
2.5 mm²
Installation height
3000 m
Housing data
Housing material
GD-Zn
Flange dimensions
26 mm x 26 mm
Type of locking
for standard and ONECLICK fast locking system
Degree of protection (when plugged in)
IP67
IP68, 24 h / 2 m
Thread type
M17
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings
Schematic diagram
1
2
3
PE
Connector pin assignment
Dimensional drawing
A
A
Ø 0,1 A
4xM3
Ø20,1+0,1
A
19,8
-0,2
Rz16
A-A
Installation dimensions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com