Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1069505 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1069505
Description  Device connector, front mounting - M17-3EP1N8AA500S/1,5 - 1069505
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1069505 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1069505 Datasheet HTML 1Page - PHOENIX CONTACT 1069505 Datasheet HTML 2Page - PHOENIX CONTACT 1069505 Datasheet HTML 3Page - PHOENIX CONTACT 1069505 Datasheet HTML 4Page - PHOENIX CONTACT 1069505 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/gb/products/1069505
08/23/2021   Page 4 / 5
Device connector, front mounting - M17-3EP1N8AA500S/1,5 - 1069505
Diagram
0
5
10
15
20
25
30
0 10 20 30 40 50 60 70 80 90 100 110
[°C]
= 3x2,5 mm2
1
1
I = current strength, ϑ = ambient temperature, 3x 20 A
Dimensional drawing
25,4
1,2
36,9
M17x1
25,6
19,8
192°
138°
Dimensional drawing
Classifications
eCl@ss
eCl@ss 10.0.1
27440102
eCl@ss 11.0
27440102
eCl@ss 9.0
27440102
ETIM
ETIM 7.0
EC002635
UNSPSC
UNSPSC 18.0
39121413
UNSPSC 19.0
39121413
UNSPSC 20.0
39121413
UNSPSC 21.0
39121413



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com