Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1069505 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1069505
Description  Device connector, front mounting - M17-3EP1N8AA500S/1,5 - 1069505
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1069505 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1069505 Datasheet HTML 1Page - PHOENIX CONTACT 1069505 Datasheet HTML 2Page - PHOENIX CONTACT 1069505 Datasheet HTML 3Page - PHOENIX CONTACT 1069505 Datasheet HTML 4Page - PHOENIX CONTACT 1069505 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/gb/products/1069505
08/23/2021   Page 1 / 5
Device connector, front mounting - M17-3EP1N8AA500S/1,5 - 1069505
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Device connector, front mounting, angled rotatable, for standard and ONECLICK fast locking system, M17,
No. of pos.: 3+PE, type of contact: Pin, contact diameter 1.5 mm, Crimp connection, flange dimensions:
26 mm x 26 mm, coding:N
Your advantages
 Solutions with cross-manufacturer compatibility for standard and fast locking systems
 Modern, consistent design for highly convenient operation
 Crimping connection: vibration- and temperature-resistant assembly
 All housing can be fitted with pin or socket contacts
 Safe use in the field, thanks to high degree of protection
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626746609
Weight per Piece (excluding packing)
22.220 g
Custom tariff number
85366990
Sales Key
ABRCHL
Technical data
Temperature range
Ambient temperature
-40 °C ... 105 °C (see derating curve)
Standards and Regulations
Safety note
WARNING: The connectors may not be plugged in or disconnected
under load. Ignoring the warning or improper use may damage persons
and/or property.
• WARNING: Commission properly functioning products only. The
products must be regularly inspected for damage. Decommission
defective products immediately. Replace damaged products. Repairs
are not possible.


Similar Part No. - 1069505

ManufacturerPart #DatasheetDescription
logo
SICK AG
1069500 SICK-1069500 Datasheet
368Kb / 7P
PHOTOELECTRIC SENSORS
logo
PHOENIX CONTACT
1069500 PHOENIX-1069500 Datasheet
1Mb / 12P
M17-3ES1N8AW500S/1,5 - Device connector front mounting
logo
SICK AG
1069501 SICK-1069501 Datasheet
371Kb / 7P
PHOTOELECTRIC SENSORS
logo
PHOENIX CONTACT
1069502 PHOENIX-1069502 Datasheet
1Mb / 12P
M17-3EP1N8AW500S/1,5 - Device connector front mounting
logo
SICK AG
1069503 SICK-1069503 Datasheet
368Kb / 7P
PHOTOELECTRIC SENSORS
More results

Similar Description - 1069505

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1425627 PHOENIX-1425627 Datasheet
366Kb / 11P
SACC-E-M12MSL4FEM16XL/0,2GR-1,5 - Device connector front mounting
1425631 PHOENIX-1425631 Datasheet
363Kb / 11P
SACC-E-M12MSL4CONM16XL/0,2-1,5 - Device connector front mounting
1069502 PHOENIX-1069502 Datasheet
1Mb / 12P
M17-3EP1N8AW500S/1,5 - Device connector front mounting
1425635 PHOENIX-1425635 Datasheet
464Kb / 12P
SACC-E-M12MSK4PE-M16XL/0,2-1,5 - Device connector front mounting
1628500 PHOENIX-1628500 Datasheet
1Mb / 14P
M17-8ES1N8AA600S - Device connector front mounting
1628502 PHOENIX-1628502 Datasheet
1Mb / 14P
M17-8ES1N8AA500S - Device connector front mounting
1628924 PHOENIX-1628924 Datasheet
1Mb / 12P
M17-3EP1N8AW500S - Device connector front mounting
1683756 PHOENIX-1683756 Datasheet
1Mb / 10P
SACC-EC-M12MS-5CON-PG9/1,5 - Device connector front mounting
1425636 PHOENIX-1425636 Datasheet
439Kb / 11P
SACC-E-M12FSK4PE-M16XL/0,2-1,5 - Device connector front mounting
1628927 PHOENIX-1628927 Datasheet
1Mb / 13P
M17-17S1N8AW500S - Device connector front mounting
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com