Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1707696 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1707696
Description  Printed-circuit board connector - FK-MCP 1,5/ 8-STF-3,81 - 1851290
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1707696 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1707696 Datasheet HTML 1Page - PHOENIX CONTACT 1707696 Datasheet HTML 2Page - PHOENIX CONTACT 1707696 Datasheet HTML 3Page - PHOENIX CONTACT 1707696 Datasheet HTML 4Page - PHOENIX CONTACT 1707696 Datasheet HTML 5Page - PHOENIX CONTACT 1707696 Datasheet HTML 6Page - PHOENIX CONTACT 1707696 Datasheet HTML 7Page - PHOENIX CONTACT 1707696 Datasheet HTML 8Page - PHOENIX CONTACT 1707696 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
https://www.phoenixcontact.com/gb/products/1851290
12/23/2016   Page 4 / 9
Printed-circuit board connector - FK-MCP 1,5/ 8-STF-3,81 - 1851290
Classifications
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002638
ETIM 5.0
EC002638
ETIM 6.0
EC002638
UNSPSC
UNSPSC 6.01
30211810
UNSPSC 7.0901
39121409
UNSPSC 11
39121409
UNSPSC 12.01
39121409
UNSPSC 13.2
39121409
Approvals
Approvals
Approvals
CSA / VDE Gutachten mit Fertigungsüberwachung / IECEE CB Scheme / CCA / cULus Recognized / EAC
Ex Approvals
Approval details
CSA 
 http://www.csagroup.org/services/testing-
and-certification/certified-product-listing/
 13631
 
B
mm²/AWG/kcmil
28-16
Nominal current IN
8 A
Nominal voltage UN
300 V
VDE Gutachten mit
Fertigungsüberwachung 
 http://www.vde.com/en/Institute/OnlineService/
VDE-approved-products/Pages/Online-Search.aspx
 40011723
 
 
mm²/AWG/kcmil
0.2-1.5
Nominal current IN
8 A
Nominal voltage UN
160 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com