Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1707696 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1707696
Description  Printed-circuit board connector - FK-MCP 1,5/ 8-STF-3,81 - 1851290
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1707696 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1707696 Datasheet HTML 1Page - PHOENIX CONTACT 1707696 Datasheet HTML 2Page - PHOENIX CONTACT 1707696 Datasheet HTML 3Page - PHOENIX CONTACT 1707696 Datasheet HTML 4Page - PHOENIX CONTACT 1707696 Datasheet HTML 5Page - PHOENIX CONTACT 1707696 Datasheet HTML 6Page - PHOENIX CONTACT 1707696 Datasheet HTML 7Page - PHOENIX CONTACT 1707696 Datasheet HTML 8Page - PHOENIX CONTACT 1707696 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
https://www.phoenixcontact.com/gb/products/1851290
12/23/2016   Page 2 / 9
Printed-circuit board connector - FK-MCP 1,5/ 8-STF-3,81 - 1851290
Technical data
General
Type of contact
Female connector
Number of positions
8
Connection method
Push-in spring connection
Insulating material group
I
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/3)
160 V
Rated voltage (III/2)
160 V
Rated voltage (II/2)
320 V
Connection in acc. with standard
EN-VDE
Nominal current IN
8 A
Nominal cross section
1.5 mm²
Maximum load current
8 A (with 1.5 mm² conductor cross section)
Insulating material
PA
Flammability rating according to UL 94
V0
Internal cylindrical gage
A1
Stripping length
9 mm
Connection data
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
1.5 mm²
Conductor cross section flexible min.
0.14 mm²
Conductor cross section flexible max.
1.5 mm²
Conductor cross section flexible, with ferrule without plastic sleeve min. 0.25 mm²
Conductor cross section flexible, with ferrule without plastic sleeve max. 1.5 mm²
Conductor cross section flexible, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section flexible, with ferrule with plastic sleeve max.
0.5 mm²
Conductor cross section AWG min.
26
Conductor cross section AWG max.
16
Minimum AWG according to UL/CUL
28
Maximum AWG according to UL/CUL
16
Standards and Regulations
Connection in acc. with standard
EN-VDE
CSA
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com