Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1707696 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1707696
Description  Printed-circuit board connector - FK-MCP 1,5/ 8-STF-3,81 - 1851290
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1707696 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1707696 Datasheet HTML 1Page - PHOENIX CONTACT 1707696 Datasheet HTML 2Page - PHOENIX CONTACT 1707696 Datasheet HTML 3Page - PHOENIX CONTACT 1707696 Datasheet HTML 4Page - PHOENIX CONTACT 1707696 Datasheet HTML 5Page - PHOENIX CONTACT 1707696 Datasheet HTML 6Page - PHOENIX CONTACT 1707696 Datasheet HTML 7Page - PHOENIX CONTACT 1707696 Datasheet HTML 8Page - PHOENIX CONTACT 1707696 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
https://www.phoenixcontact.com/gb/products/1851290
12/23/2016   Page 1 / 9
Printed-circuit board connector - FK-MCP 1,5/ 8-STF-3,81 - 1851290
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 8, Pitch: 3.81 mm,
Connection method: Push-in spring connection, Color: green, Contact surface: Tin
The figure shows a 10-position
version of the product
Why buy this product
 Time saving push-in connection, tools not required
 Defined contact force ensures that contact remains stable over the long term
 Intuitive use through colour coded actuation lever
 Screwable flange for superior mechanical stability
 Quick and convenient testing using integrated test option
Key Commercial Data
Packing unit
50 STK
GTIN
GTIN
4017918110109
Weight per Piece (excluding packing)
7.850 g
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
20.8 mm
Height
12.4 mm
Width
40.87 mm
Pitch
3.81 mm
Dimension a
26.67 mm
General
Range of articles
FK-MCP 1,5/..-STF


Similar Part No. - 1707696

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1707696 PHOENIX-1707696 Datasheet
197Kb / 10P
Printed-circuit board connector - MCV 1,5/ 8-GF-3,81 P26 THR
1707696 PHOENIX-1707696 Datasheet
154Kb / 8P
Printed-circuit board connector - MCVR 1,5/ 8-STF-3,81 - 1828401
09/06/2017
1707696 PHOENIX-1707696 Datasheet
175Kb / 9P
Printed-circuit board connector - FRONT-MC 1,5/ 8-STF-3,81 - 1850916
12/23/2016
More results

Similar Description - 1707696

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1851371 PHOENIX-1851371 Datasheet
161Kb / 11P
Printed-circuit board connector - FK-MCP 1,5/16-STF-3,81
1851397 PHOENIX-1851397 Datasheet
140Kb / 9P
Printed-circuit board connector - FK-MCP 1,5/18-STF-3,81
1851410 PHOENIX-1851410 Datasheet
89Kb / 6P
Printed-circuit board connector - FK-MCP 1,5/20-STF-3,81
1851342 PHOENIX-1851342 Datasheet
78Kb / 5P
Printed-circuit board connector - FK-MCP 1,5/13-STF-3,81
1851384 PHOENIX-1851384 Datasheet
76Kb / 5P
Printed-circuit board connector - FK-MCP 1,5/17-STF-3,81
1851326 PHOENIX-1851326 Datasheet
110Kb / 6P
Printed-circuit board connector - FK-MCP 1,5/11-STF-3,81
1851300 PHOENIX-1851300 Datasheet
149Kb / 9P
Printed-circuit board connector - FK-MCP 1,5/ 9-STF-3,81
1851287 PHOENIX-1851287 Datasheet
110Kb / 6P
Printed-circuit board connector - FK-MCP 1,5/ 7-STF-3,81
1918308 PHOENIX-1918308 Datasheet
93Kb / 5P
Printed-circuit board connector - FK-MCP 1,5/ 6-STF-3,81 BK
1923254 PHOENIX-1923254 Datasheet
93Kb / 5P
Printed-circuit board connector - FK-MCP 1,5/ 3-STF-3,81 BK
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com