Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST63140 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST63140
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63140 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST63140 Datasheet HTML 8Page - STMicroelectronics ST63140 Datasheet HTML 9Page - STMicroelectronics ST63140 Datasheet HTML 10Page - STMicroelectronics ST63140 Datasheet HTML 11Page - STMicroelectronics ST63140 Datasheet HTML 12Page - STMicroelectronics ST63140 Datasheet HTML 13Page - STMicroelectronics ST63140 Datasheet HTML 14Page - STMicroelectronics ST63140 Datasheet HTML 15Page - STMicroelectronics ST63140 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 86 page
background image
ST631xx CORE (Continued)
Indirect Registers (X, Y). These two indirect reg-
isters are used as pointers to the memory locations
in the data space. They are used in the register-in-
direct addressing mode.These registers can be
addressed in the data space as RAM locations at
the 80h (X) and 81h (Y) addresses. They can also
be accessed with the direct, short direct, or bit di-
rect addressing modes. Accordingly, the ST631xx
instruction set can use the indirect registers as any
other register of the data space.
Short Direct Registers (V, W). These two regis-
ters are used to save one byte in short direct ad-
dressing mode. These registers can be addressed
in the data space as RAM locations at the 82h (V)
and 83H (W) addresses. They can also be ac-
cessed with the direct and bit direct addressing
modes. Accordingly, the ST631xx instruction set
can use the short direct registers as any other reg-
ister of the data space.
Program Counter (PC)
The program counter is a 12-bit register that con-
tains the address of the next ROM location to be
processed by the core. This ROM location may be
an opcode, an operand, or an address of operand.
The 12-bit length allows the direct addressing of
4096 bytes in the program space. Nevertheless, if
the program space contains more than 4096 loca-
tions, the further program space can be addressed
by using the Program ROM Page Register. The PC
value is incremented, after it is read for the address
of the current instruction, by sending it through the
ALU, so giving the address of the next byte in the
program. To execute relative jumps the PC and the
offset values are shifted through the ALU, where
they will be added, and the result is shifted back
into the PC. The program counter can be changed
in the following ways:
JP (Jump) instruction.... PC = Jump address
CALL instruction ........... PC= Call address
Relative Branch
instructions ................... PC= PC+offset
Interrupt........................ PC= Interrupt vector
Reset ............................ PC= Reset vector
RET & RETI instructions............ PC=Pop (stack)
Normal instruction ........ PC = PC+1
Flags (C, Z)
The ST631xx Core includes three pairs of flags
that correspond to 3 different modes: normal
mode, interrupt mode and Non-Maskable-Inter-
rupt-Mode. Each pair consists of a CARRY flag
and a ZERO flag. One pair (CN, ZN) is used during
normal operation, one pair is used during the inter-
rupt mode (CI,ZI) and one is used during the not-
maskable interrupt mode (CNMI, ZNMI).
The ST631xx Core uses the pair of flags that corre-
sponds to the actual mode: as soon as an interrupt
(resp. a Non-Maskable-Interrupt) is generated, the
ST631xx Core uses the interrupt flags (resp. the
NMI flags) instead of the normal flags. When the
RETI instruction is executed, the normal flags
(resp. the interrupt flags) are restored if the MCU
was in the normal mode (resp. in the interrupt
mode) before the interrupt. Should be observed
that each flag set can only be addressed in its own
routine (Not-maskable interrupt, normal interrupt
or main routine). The interrupt flags are not cleared
during the context switching and so, they remain in
the state they were at the exit of the last routine
switching.
The Carry flag is set when a carry or a borrow oc-
curs during arithmetic operations, otherwise it is
cleared. The Carry flag is also set to the value of
the bit tested in a bit test instruction, and partici-
pates in the rotate left instruction.
The Zero flag is set if the result of the last arithmetic
or logical operation was equal to zero, otherwise it
is cleared.
The switching between these three sets is auto-
matically performed when an NMI, an interrupt and
a RETI instructions occur. As the NMI mode is
automatically selected after the reset of the MCU,
the ST631xx Core uses at first the NMI flags.
®
ST63140,142,126,156
8/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com