Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST63140 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST63140
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63140 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST63140 Datasheet HTML 30Page - STMicroelectronics ST63140 Datasheet HTML 31Page - STMicroelectronics ST63140 Datasheet HTML 32Page - STMicroelectronics ST63140 Datasheet HTML 33Page - STMicroelectronics ST63140 Datasheet HTML 34Page - STMicroelectronics ST63140 Datasheet HTML 35Page - STMicroelectronics ST63140 Datasheet HTML 36Page - STMicroelectronics ST63140 Datasheet HTML 37Page - STMicroelectronics ST63140 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 86 page
background image
Figure 33. Hardware Activated Watchdog Block Diagram
Figure 34. Hardware Activated Watchdog
Working Principle
The hardware activated digital watchdog function
consists of a down counter that is automatically ini-
tialized after reset so that this function does not
need to be activated by the user program. As the
watchdog function is always activated this down
counter can not be used as a timer. The watchdog
is using one data space register (HWDR location
D8h). The watchdog register is set to FEh on reset
and immediately starts to count down, requiring no
software start. Similarly the hardware activated
watchdog can not be stopped or delayed by soft-
ware.
The watchdog time can be programmed using the 6
MSbits in the watchdog register, this gives the possi-
bility to generate a reset in a time between 3072 to
196608 oscillator cycles in 64 possible steps (With a
clock frequency of 8MHz this means from 384
µsto
24.576ms). The reset is prevented if the register is
reloaded with the desired value before bits 2-7
decrement from all zeros to all ones.
The presence of the hardware watchdog deactivates
the STOP instruction and a WAIT instruction is auto-
matically executed instead of a STOP. Bit 1 of the
watchdog register (set to one at reset) can be used
to generate a software reset if cleared to zero).
HARDWARE ACTIVATED DIGITAL WATCHDOG
FUNCTION
®
ST63140,142,126,156
30/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com