Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST63140 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST63140
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63140 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST63140 Datasheet HTML 45Page - STMicroelectronics ST63140 Datasheet HTML 46Page - STMicroelectronics ST63140 Datasheet HTML 47Page - STMicroelectronics ST63140 Datasheet HTML 48Page - STMicroelectronics ST63140 Datasheet HTML 49Page - STMicroelectronics ST63140 Datasheet HTML 50Page - STMicroelectronics ST63140 Datasheet HTML 51Page - STMicroelectronics ST63140 Datasheet HTML 52Page - STMicroelectronics ST63140 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
The ST631xx OSD macrocell is a CMOS LSI char-
acter generator which enable display of characters
and symbols on the TV screen. The character
rounding function enhances the readability of the
characters. The ST631xx OSD receives horizontal
and vertical synchronization signal and outputs
screen information via R, G, B and blanking pins.
The main characteristics of the macrocell are listed
below:
- Number of display characters: 5 lines by 15
columns.
- Number of character types: 128 characters in
two banks of 64 characters. Only one bank
per screen can be used.
- Character size: Four character heights (18h,
36h 54h, 72h), two heights are available per
screen, programmable by line.
- Character format: 6x9 dots with character
rounding function.
- Character colour: Eight colours available pro-
grammable by word.
- Display position: 64 horizontal positions by
2/fosc and 63 vertical positions by 4 h
- Word spacing: 64 positions programmable
from 2/fosc to 128/fosc.
- Line spacing: 63 positions programmable from
4 to 252 h.
- Background: No background, square back-
ground or fringe background programmable by
word.
- Background colour: Two of eight colours avail-
able programmable by word.
- Display output: Three character data output
terminals (R,G,B) and a blank output terminal.
- Display on/off: Display data may be pro-
grammed on or off by word or entire screen.
The entire screen may be blanked.
Format Specification
The entire display can be turned on or off through
the use of the global enable bit or the display may
be selectively turned on or off by word. To turn off
the entire display, the global enable bit (GE) should
be zero. If the global enable is one, the display is
controlled by the word enable bits (WE). Theglobal
enable bit is located in the global enable register
and the word enable bit is located in the space
character preceding the word.
Each line must begin with a format character which
describes the format of that line and of the first
word. This character is not displayed.
A space character defines the format of sub-
sequent words. A space character is denoted by a
one in bit 6 in the display RAM. If bit 6 of the display
RAM is a zero, the other six bits define one of the
64 display characters.
The colour, background and enable can be pro-
grammed by word. This information is encoded in
the space character between words or in the for-
mat character at the beginning of each line. Five
bits define the colour and background of the follow-
ing word, and determine whether it will be dis-
played or not.
Characters are stored in a 6 x 9 dot format. One dot
is defined vertically as 2h (horizontal lines) and
horizontally as 2/fosc if the smallest character size
is enabled. There is no space between characters
or lines if the vertical space enable (VSE) and hori-
zontal space enable (HSE) bits are both zero. This
allows the use of special graphics characters.
The normal alphanumeric character set is format-
ted to be 5 x 7 with one empty row at the top and
one at the bottom and one empty column at the
right. If VSE and HSE are both zero, then the spac-
ing between alphanumeric characters is 1 dot and
the spacing between lines ofalphanumeric charac-
ters is 2h.
The character size is programmed by line through
the use of the size bit (S) in the format character
and the global size bits (GS1 and GS2). The verti-
cal spacing enable bit (VSE) located in the format
character controls the spacing between lines. If
this bit is set to one, the spacing between lines is
defined by the vertical spacing register, otherwise
the spacing between lines is 0.
The spacing between words is controlled by the
horizontal space enable bit (HSE) located in the
space character. If this bit is set to one, the spacing
between words is defined by the horizontal spacing
register, otherwise the space character width of 6
dots is the spacing between words.
The formats for the display character, space
character and format character are described
hereafter.
ON-SCREEN DISPLAY (OSD)
®
ST63140,142,126,156
45/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com