Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST75951 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST75951
Description  V.34/56K ANALOG FRONT END
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75951 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST75951 Datasheet HTML 9Page - STMicroelectronics ST75951 Datasheet HTML 10Page - STMicroelectronics ST75951 Datasheet HTML 11Page - STMicroelectronics ST75951 Datasheet HTML 12Page - STMicroelectronics ST75951 Datasheet HTML 13Page - STMicroelectronics ST75951 Datasheet HTML 14Page - STMicroelectronics ST75951 Datasheet HTML 15Page - STMicroelectronics ST75951 Datasheet HTML 16Page - STMicroelectronics ST75951 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
30
31
34
41
35
15
MUX
F0 or F0/2
LOW
PASS
FILTER
DETECTOR
Bit DR
ATTENUATION
0dB/6dB/Infinite
AUXIN
D3
D4
RING
D1
D2
ANALOG
MODULATOR
GAIN
HIGH
PASS
FILTER
MUX
DAC 1 BIT
FIRST ORDER
DIFFERENTIAL
SWITCHED
CAPACITOR FILTER
F0 or F0/2
Figure 21
FUNCTIONAL DESCRIPTION (continued)
10 - Host Interface
Table 3
HC1
HC0
LSB
2nd FS
Mode Description
000
no
Software mode,
data transfer only
001
yes
Software mode,
data xfer + control xfer
01
x
no
Hardware mode,
data transfer only
1x
x
yes
Hardware mode,
data + control transfer
The host interface is a Serial Synchronous Inter-
face (FS, SCLK, DOUT, DIN).
Two modes of serial transfer are available and are
selected via pins HC0 and HC1.
First mode is a software mode control (15 bits
transmit data and 16 bits receive data). In this mode
ST75951 is completely controlled through the SSI,
the access of control register is done by managing
the LSB of the transmit data word.
Second mode is a hardware mode control (16bits
data transmit and receive). In this mode the access
of control register is done via dynamic setting of
Pins HC0 and HC1 (see Table 3).
The bit 15 of the control word is used to do a read
only or a read and write of control register
(bit 15 = 1 Read only, bit 15 = 0 Read & Write).
11 - Control Registers
This section defines how to handle the 4 registers
implemented in ST75951.
11.1 - Write / Read Operation (D15 = 0)
This is a one sampling frequency period duration
operation, where the 16-bit word sent from the host
on DIN, contains the write qualifier, the address
register and the data field.
Contemporaly ST75951 ouptuts on DOUT the
register 2 value (GPIO) (see Figure 22).
DATA WORD INPUT
@regN+cont.word
0
D15
DI
DATA WORD OUTPUT
REGISTER 2 VALUE
D0
HC0
HC1
FS
Sampling Period
1/2 Sampling Period
01
10
Figure 22 : WRITE REG n , READ default REG 2
ST75951
13/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com