Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST75951 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST75951
Description  V.34/56K ANALOG FRONT END
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75951 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST75951 Datasheet HTML 13Page - STMicroelectronics ST75951 Datasheet HTML 14Page - STMicroelectronics ST75951 Datasheet HTML 15Page - STMicroelectronics ST75951 Datasheet HTML 16Page - STMicroelectronics ST75951 Datasheet HTML 17Page - STMicroelectronics ST75951 Datasheet HTML 18Page - STMicroelectronics ST75951 Datasheet HTML 19Page - STMicroelectronics ST75951 Datasheet HTML 20Page - STMicroelectronics ST75951 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
ELECTRICAL SPECIFICATION (continued)
Analog Interface
(typical value are given for AVDD = DVDD = 3.3V, Tamb = 25
oC. Measurement band = 0 to 0.425 x fS)
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
VREF
Differential reference voltage output
VREF = (VREFP - VREFN)
1.18
1.25
1.32
V
VDIFF IN
Differential Input Voltage
[D3 - D4]
≤ 2 x VREF
2.5
VPP
VADO OUT A/D Modulator Output DC Offset Voltage See Figure 26
-50
50
mV
VDIFF OUT Differential Output Voltage [D1 - D2]
XMIT = 0dB
XMIT= 2dB
2.5
3.2
VPP
VPP
VOFF OUT
Differential Output DC Offset Voltage
Input code = 0000h
-50
50
mV
RIN
Input Resistance (D3, D4)
40
k
ROUT
Output Resistance (D1, D2)
4
k
RL
Load Resistance (D1, D2)
10
k
CL
Load Capacitance (D1, D2)
20
pF
Res
Converter Resolution
See Note 2
16
Bit
DNL
Differential Non Linearity
See Note 2
-0.9
0.9
Bit
GTX
Channel Gain at f0 + 1kHz
-0.5
0.5
dB
Ripple
Ripple in Band
0 to 0.425 * fS, see Notes 2 & 3
±0.2
dB
StopB
Stop Band Attenuation
f0
± 0.5 * fS
-70
dB
SNDR
Signal / Noise + Distortion at - 5dBr
XMIT = 0dB, see Note 1
XMIT = 2dB
80
74
dB
dB
DR
Dynamic Range
f = 1kHz, XMIT ATTE = 0dB, see Note 1,
Measured over the full 0 to Fs/2 with
-20dBr input and extrapoled to full scale
85
dB
GRX
Receive Gain (Rx gain set to 0 dB)
-1
0
+1
dB
PSRR
Power supply rejection ratio
f = 1kHz, VAC = 200mVPP, see Note 1
40
dB
Notes : 1. These parameters are valid for transmit and receive channels.
2. This specification is guaranteed by characterization, not production testing.
3. Transmit channels measured in baseband without modulation.
31
30
D3
D4
ST75951
VCM
Figure 26
ST75951
18/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com