Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST75951 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST75951
Description  V.34/56K ANALOG FRONT END
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75951 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST75951 Datasheet HTML 12Page - STMicroelectronics ST75951 Datasheet HTML 13Page - STMicroelectronics ST75951 Datasheet HTML 14Page - STMicroelectronics ST75951 Datasheet HTML 15Page - STMicroelectronics ST75951 Datasheet HTML 16Page - STMicroelectronics ST75951 Datasheet HTML 17Page - STMicroelectronics ST75951 Datasheet HTML 18Page - STMicroelectronics ST75951 Datasheet HTML 19Page - STMicroelectronics ST75951 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Table 7 : Control Register 3 : Clock / configuration setting
Bit15 Bit14 Bit13 Bit12 Bit11 Bit10 Bit9 Bit8 Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0
Function
0
1
1
OH CL
Software value (HM = 0)
0
1
1
0
Normal operation (INI)
0
1
1
1
PowerDown with wake-up
on ring or non-masked GPIO
0
1
1
0
Transmit modulated (INI)
0
1
1
1
Transmit not modulated
0
1
1
0
0
SCLK = MCLK (R = 1)
0
1
1
0
1
SCLK = MCLK/2 (R = 2) (INI)
0
1
1
1
0
SCLK = MCLK/4 (R = 4)
0
1
1
1
1
Reserved
0
1
1
0
0
Normal mode (INI)
0
1
1
0
1
Analog loop back
0
1
1
1
0
Digital loop back
0
1
1
1
1
Reserved
01100
Normal mode (INI)
01101
Reserved
01110
TSTD1 Pin = PCLK output
01111
TSTD1 Pin = PCLK input
Below you’ll find a table giving different programmation for achieving all common V.34 baud rate with
ST75951 working with an external crystal fQ = 36.864 MHz. The 8kHz could be used for voice processing
and the 16kHz for the 56K (V.pcm).
Table 8
Baud Rate
FS
Over
M
Q
F0
16000
192
2
6
1536000
3429
13714.29
192
2
7
1316571
3000
12000
256
2
6
1536000
3490
10472.73
320
2
5.5
1675636
3429
10285.71
256
2
7
1316571
2400/3200
9600
320
2
6
1536000
3000
9000
256
2
8
1152000
2953
8861.54
320
2
6.5
1417846
2743
8228.57
320
2
7
1316571
8000
384
2
6
1536000
2400
7200
320
2
8
1152000
In any cases attention must be paid to have F0 between 1MHz and 1.7 MHz , optimum value beeing 1.5MHz.
The modulator and demodulator frequency F0 = OVERSAMPLING FREQUENCY / 2.
When MCM = ’ 0’, we have OVERSAMPLING FREQUENCY = MCLK and F0 = MCLK / 2 SCLK = MCLK / R
(see clock block diagram).
Table 9 : (eg : with R = 4)
fS (kHz)
M
Q
Over
MCLK (MHz)
F0 (MKz)
SCLK (kHz)
8
X
X
384
3.072
1.536
768
9.6
X
X
320
3.072
1.536
768
9.6
X
X
256
2.4576
1.2288
614.4
16
X
X
192
3.072
1.536
768
FUNCTIONAL DESCRIPTION (continued)
ST75951
16/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com