Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T87C5112-RKUEV Datasheet(PDF) 15 Page - ATMEL Corporation

Part # T87C5112-RKUEV
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKUEV Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button T87C5112-RKUEV Datasheet HTML 11Page - ATMEL Corporation T87C5112-RKUEV Datasheet HTML 12Page - ATMEL Corporation T87C5112-RKUEV Datasheet HTML 13Page - ATMEL Corporation T87C5112-RKUEV Datasheet HTML 14Page - ATMEL Corporation T87C5112-RKUEV Datasheet HTML 15Page - ATMEL Corporation T87C5112-RKUEV Datasheet HTML 16Page - ATMEL Corporation T87C5112-RKUEV Datasheet HTML 17Page - ATMEL Corporation T87C5112-RKUEV Datasheet HTML 18Page - ATMEL Corporation T87C5112-RKUEV Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 97 page
background image
Rev. B - November 10, 2000
15
Preliminary
T80C5112
7. Reset and Power Management
7.1. Introduction
The power monitoring and management can be used to supervise the Power Supply (VDD) and to start up properly
when T80C5112 is powered up.
It consists of the features listed below and explained hereafter:
· Power on Reset
· Power-Fail reset
· Power-Off flag
· Idle mode
· Power-Down mode
· Reduced EMI mode
All these features are controlled by several registers, the Power Control register (PCON) and the Auxiliary register
(AUXR) detailed at the end of this chapter.
AUX register not available on all versions.
7.2. Functional description
Figure 3 shows the block diagram of the possible sources of microcontroller reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com