| Electronic Components Datasheet Search |
|
T87C5112-RKUEV Datasheet(PDF) 19 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T87C5112-RKUEV Datasheet(HTML) 19 Page - ATMEL Corporation |
|
19 / 97 page ![]() Rev. B - November 10, 2000 19 Preliminary T80C5112 7.8. Reduced EMI mode The ALE signal is used to demultiplex address and data buses on port 0 when used with external program or data memory. Nevertheless, during internal code execution, ALE signal is still generated. In order to reduce EMI, ALE signal can be disabled by setting AO bit. The AO bit is located in AUXR register at bit location 0. As soon as AO is set, ALE is no longer output but remains active during MOVX and MOVC instructions and external fetches. During ALE disabling, ALE pin is weakly pulled high. Table 6. AUXR Register AUXR - Auxiliary Register (8Eh) Reset Value = XXXX XXX0b Not bit addressable 7 6 5 4 3 2 1 0 - - - - - - - AO Bit Number Bit Mnemonic Description 7 - Reserved The value read from this bit is indeterminate. Do not set this bit. 6 - Reserved The value read from this bit is indeterminate. Do not set this bit. 5 - Reserved The value read from this bit is indeterminate. Do not set this bit. 4 - Reserved The value read from this bit is indeterminate. Do not set this bit. 3 - Reserved The value read from this bit is indeterminate. Do not set this bit. 2 - Reserved The value read from this bit is indeterminate. Do not set this bit. 1 - Reserved The value read from this bit is indeterminate. Do not set this bit. 0 AO ALE Output bit Clear to restore ALE operation during internal fetches. Set to disable ALE operation during internal fetches. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |