Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T87C5112-RKUEV Datasheet(PDF) 17 Page - ATMEL Corporation

Part # T87C5112-RKUEV
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKUEV Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button T87C5112-RKUEV Datasheet HTML 13Page - ATMEL Corporation T87C5112-RKUEV Datasheet HTML 14Page - ATMEL Corporation T87C5112-RKUEV Datasheet HTML 15Page - ATMEL Corporation T87C5112-RKUEV Datasheet HTML 16Page - ATMEL Corporation T87C5112-RKUEV Datasheet HTML 17Page - ATMEL Corporation T87C5112-RKUEV Datasheet HTML 18Page - ATMEL Corporation T87C5112-RKUEV Datasheet HTML 19Page - ATMEL Corporation T87C5112-RKUEV Datasheet HTML 20Page - ATMEL Corporation T87C5112-RKUEV Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 97 page
background image
Rev. B - November 10, 2000
17
Preliminary
T80C5112
In Power-Down mode, the PFD is automatically disabled; this avoids extra consumption and allows VDD reduction
to VRET.
Note:
1. The internal reset is not propagated on the RST pin.
2 See AC/DC section for the specifications of Vrst.
Caution:
When VDD is reduced to VRET in Power-Down mode the VDD voltage is not accuratly monitored. In this case, RAM content may be damage if VDD
goes below VRET and circuit behavior is unpredictable unless an external reset is applied. The POF bit can be used to verify if memory contains valid
data.
Figure 4. Power Fail Reset timing diagram
7.5. Power-Off Flag
When the power is turned off or fails, the data retention is not guaranteed. A Power-Off Flag (POF, see 7.6.1. )
allows to detect this condition. POF is set by hardware during a reset which follows a power-up or a power-fail.
This is a cold reset. A warm reset is an external or a watchdog reset without power failure, hence which preserves
the internal memory content and POF. To use POF, test and clear this bit just after reset. Then it will be set only
after a cold reset.
Notes: When power supply monitoring is disabled (RSTD= 1 or in Power-Down mode), POF information is not delivered with the same
accuracy. It is recommended to clear and not to take in account the POF value after exit from a power down mode with VDD reduction.
Notes: The POF flag is set only if Vcc is lower below the memory data retention voltage. Hence, the PFD may detect a power fail while the
POF bit is still valid.
24 Ck
RSTVPP
POR
PFD
RST
24 Ck
<60ns
>60ns
VRST+
VRST
VRET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com