Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6713A Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6713A
Description  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6713A Datasheet HTML 3Page - STMicroelectronics L6713A Datasheet HTML 4Page - STMicroelectronics L6713A Datasheet HTML 5Page - STMicroelectronics L6713A Datasheet HTML 6Page - STMicroelectronics L6713A Datasheet HTML 7Page - STMicroelectronics L6713A Datasheet HTML 8Page - STMicroelectronics L6713A Datasheet HTML 9Page - STMicroelectronics L6713A Datasheet HTML 10Page - STMicroelectronics L6713A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
L6713A
Pin settings
7/64
2.2
Pin description
Table 2.
Pin description
N°
Pin
Function
1UGATE1
Channel 1 HS driver output.
A small series resistors helps in reducing device-dissipated power.
2BOOT1
Channel 1 HS driver supply.
Connect through a capacitor (100 nF typ.) to PHASE1 and provide necessary
Bootstrap diode. A small resistor in series to the boot diode helps in reducing
Boot capacitor overcharge.
3
N.C.
Not internally connected.
4
PHASE3
Channel 3 HS driver return path.
It must be connected to the HS3 MOSFET source and provides return path for
the HS driver of channel 3.
5UGATE3
Channel 3 HS driver output.
A small series resistors helps in reducing device-dissipated power.
6BOOT3
Channel 3 HS driver supply.
Connect through a capacitor (100 nF typ.) to PHASE3 and provide necessary
Bootstrap diode. A small resistor in series to the boot diode helps in reducing
Boot capacitor overcharge.
7
N.C.
Not internally connected.
8
PHASE2
Channel 2 HS driver return path.
It must be connected to the HS2 MOSFET source and provides return path for
the HS driver of channel 2. Leave floating when using 2 phase operation.
9UGATE2
Channel 2 HS driver output.
A small series resistors helps in reducing device-dissipated power.
Leave floating when using 2 phase operation.
10
BOOT2
Channel 2 HS driver supply.
Connect through a capacitor (100 nF typ.) to PHASE2 and provide necessary
Bootstrap diode. A small resistor in series to the boot diode helps in reducing
Boot capacitor overcharge.Leave floating when using 2 phase operation.
11
N.C.
Not internally connected.
12
N.C.
Not internally connected.
13
N.C.
Not internally connected.
14
N.C.
Not internally connected.
15
VCC
Device supply voltage. The operative voltage is 12 V ±15 %. Filter with 1 µF
(typ) MLCC vs. SGND.
16
PHASE_
SEL
Phase selection pin. Internally pulled up by 12.5 µA(typ) to 5 V.
It allows selecting between 2 phase and 3 phase operation. See Table 11 for
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com