Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6713A Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6713A
Description  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713A Datasheet(HTML) 5 Page - STMicroelectronics

  L6713A Datasheet HTML 1Page - STMicroelectronics L6713A Datasheet HTML 2Page - STMicroelectronics L6713A Datasheet HTML 3Page - STMicroelectronics L6713A Datasheet HTML 4Page - STMicroelectronics L6713A Datasheet HTML 5Page - STMicroelectronics L6713A Datasheet HTML 6Page - STMicroelectronics L6713A Datasheet HTML 7Page - STMicroelectronics L6713A Datasheet HTML 8Page - STMicroelectronics L6713A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
L6713A
Block diagram
5/64
1
Block diagram
Figure 1.
Block diagram
LOGIC PWM
ADAPTIVE ANTI
CROSS CONDUCTION
LOGIC PWM
ADAPTIVE ANTI
CROSS CONDUCTION
LOGIC PWM
ADAPTIVE ANTI
CROSS CONDUCTION
HS1
LS1
HS2
LS2
HS3
LS3
CURRENT SHARING
CORRECTION
CH2 CURRENT
READING
CH3 CURRENT
READING
L6713A
CONTROL LOGIC
AND PROTECTIONS
PWM3
PWM1
PWM2
PWM3
OCP
DIGITAL
SOFT START
CS2-
CS2+
CS3-
CS3+
SGND
VCC
VCC
OVP
OUTEN
OSC / FAULT
VID0
VID1
VID2
VID3
VID4
VID5
VID6
SSOSC/AMD
OUTEN
VCC
OVP
COMPARATOR
+175mV / 1.800V / OVP
ERROR
AMPLIFIER
GND DROP
RECOVERY
CURRENT SHARING
CORRECTION
CURRENT SHARING
CORRECTION
CH1 CURRENT
READING
CS1-
CS1+
TOTAL DELIVERED CURRENT
VID_SEL
VCCDR
SS/ LTBG/ AMD
VID7 / D-VID
SS_END / PGOOD
VR_HOT
VR_FAN
TM
PHASE_SEL
VREF
LTB
LTB
LTB
LTB
OCP
COMPARATOR
+.1240V
TO OCP
PWM1
PWM2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com