Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6713A Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6713A
Description  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713A Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6713A Datasheet HTML 26Page - STMicroelectronics L6713A Datasheet HTML 27Page - STMicroelectronics L6713A Datasheet HTML 28Page - STMicroelectronics L6713A Datasheet HTML 29Page - STMicroelectronics L6713A Datasheet HTML 30Page - STMicroelectronics L6713A Datasheet HTML 31Page - STMicroelectronics L6713A Datasheet HTML 32Page - STMicroelectronics L6713A Datasheet HTML 33Page - STMicroelectronics L6713A Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
Power dissipation
L6713A
30/64
9
Power dissipation
L6713A embeds high current MOSFET drivers for both high side and low side MOSFETs: it
is then important to consider the power the device is going to dissipate in driving them in
order to avoid overcoming the maximum junction operative temperature. In addition, since
the device has an exposed pad to better dissipate the power, the thermal resistance
between junction and ambient consequent to the layout is also important: thermal pad
needs to be soldered to the PCB ground plane through several VIAs in order to facilitate the
heat dissipation.
Two main terms contribute in the device power dissipation: bias power and drivers' power.
The first one (PDC) depends on the static consumption of the device through the supply pins
and it is simply quantifiable as follow (assuming to supply HS and LS drivers with the same
VCC of the device):
where N is the number of phases.
Drivers' power is the power needed by the driver to continuously switch on and off the
external MOSFETs; it is a function of the switching frequency and total gate charge of the
selected MOSFETs. It can be quantified considering that the total power PSW dissipated to
switch the MOSFETs (easy calculable) is dissipated by three main factors: external gate
resistance (when present), intrinsic MOSFET resistance and intrinsic driver resistance. This
last term is the important one to be determined to calculate the device power dissipation.
The total power dissipated to switch the MOSFETs results:
External gate resistors helps the device to dissipate the switching power since the same
power PSW will be shared between the internal driver impedance and the external resistor
resulting in a general cooling of the device. When driving multiple MOSFETs in parallel, it is
suggested to use one gate resistor for each MOSFET.
P
DC
V
CC
I
CC
NI
CCDRx
⋅
NI
BOOTx
⋅
++
()
⋅
=
P
SW
NF
SW
Q
GHS
V
BOOT
⋅
Q
GLS
V
CCDRx
⋅
+
()
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com