Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L2293Q Datasheet(PDF) 7 Page - STMicroelectronics

Part # L2293Q
Description  Push-pull four channel driver with diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2293Q Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L2293Q Datasheet HTML 3Page - STMicroelectronics L2293Q Datasheet HTML 4Page - STMicroelectronics L2293Q Datasheet HTML 5Page - STMicroelectronics L2293Q Datasheet HTML 6Page - STMicroelectronics L2293Q Datasheet HTML 7Page - STMicroelectronics L2293Q Datasheet HTML 8Page - STMicroelectronics L2293Q Datasheet HTML 9Page - STMicroelectronics L2293Q Datasheet HTML 10Page - STMicroelectronics L2293Q Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
L2293Q
Electrical characteristics
7/12
Figure 4.
Switching times
Table 6.
AC operation (Vs = 24 V, Vss = 5 V, TA = 25 °C, unless otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
tr
Rise time (1)
1.
See Figure 4
0.1 to 0.9 VO
250
ns
tf
Fall time (1)
0.9 to 0.1 VO
250
ns
ton
Turn-on delay (1)
0.5 Vi to 0.5 VO
750
ns
toff
Turn-off delay (1)
0.5 Vi to 0.5 VO
200
ns
Table 7.
Truth table (one channel)
Input
Enable(1)
1.
Relative to the considered channel
Output
HH
H
LH
L
HL
Z (2)
2.
Z = High output impedance
LL
Z (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com