Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L2293Q Datasheet(PDF) 3 Page - STMicroelectronics

Part # L2293Q
Description  Push-pull four channel driver with diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2293Q Datasheet(HTML) 3 Page - STMicroelectronics

  L2293Q Datasheet HTML 1Page - STMicroelectronics L2293Q Datasheet HTML 2Page - STMicroelectronics L2293Q Datasheet HTML 3Page - STMicroelectronics L2293Q Datasheet HTML 4Page - STMicroelectronics L2293Q Datasheet HTML 5Page - STMicroelectronics L2293Q Datasheet HTML 6Page - STMicroelectronics L2293Q Datasheet HTML 7Page - STMicroelectronics L2293Q Datasheet HTML 8Page - STMicroelectronics L2293Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
L2293Q
Electrical data
3/12
1
Electrical data
1.1
Absolute maximum ratings
1.2
Recommended conditions
Figure 2.
Typical minimum logic supply voltage vs junction temperature
1.3
Thermal data
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Supply voltage
36
V
VSS
Logic supply voltage
36
V
Vi
Input voltage
7
V
Ven
Enable voltage
7
V
Io
Peak output current (100
µs non repetitive)
1.2
A
Ptot
Total power dissipation at Tpins = 90 °C
4
W
TJ
Junction temperature
150
°C
TSTG
Storage temperature
– 40 to 150
°C
Table 2.
Recommended conditions
Symbol
Parameter
Value
Unit
Min
Typ
Max
VS
Supply voltage
VSS
36
V
VSS
Logic supply voltage
2.8 (1)
1.
See Figure 2
36
V
TJ
Junction temperature
-20 (1)
125
°C
Tj [°C]
VSS_min [V]
0
-10
-20
2.7
2.8
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rth(JA)
Thermal resistance junction-ambient max (1).
1.
Mounted on a double-layer FR4 PCB with a dissipating copper surface of 0.5 cm2 on the top side plus
6 cm2 ground layer connected through 18 via holes (9 below the IC).
22
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com