Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

33912 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # 33912
Description  LIN System Basis Chip with DC Motor Pre-driver and Current
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33912 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button 33912 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
Analog Integrated Circuit Device Data
36
Freescale Semiconductor
33912
FUNCTIONAL DEVICE OPERATIONS
LOGIC COMMANDS AND REGISTERS
REGISTER DEFINITIONS
System Status Register - SYSSR
The System Status Register (SYSSR) is always
transferred with every SPI transmission and gives a quick
system status overview. It summarizes the status of the
Voltage Status Register (VSR), LIN Status Register (LINSR),
High Side Status Register (HSSR), and the Low Side Status
Register (LSSR).
VMS - Voltage Monitor Status
This read-only bit indicates that one or more bits in the
VSR are set.
1 = Voltage Monitor bit set
0 = None
Figure 21. Voltage Monitor Status
LINS - LIN Status
This read-only bit indicates that one or more bits in the
LINSR are set.
1 = LIN Status bit set
0 = None
Figure 22. LIN Status
HSS - High Side Switch Status
This read-only bit indicates that one or more bits in the
HSSR are set.
1 = High Side Status bit set
0 = None
Figure 23. High Side Status
LSS - Low Side Switch Status
This read-only bit indicates that one or more bits in the
LSSR are set.
1 = Low Side Status bit set
0 = None
Figure 24. Low Side Status
Mode Control Register - MCR
The Mode Control Register (MCR) allows switching
between the operation modes and to configure the 33912.
Writing the MCR will return the VSR.
HVSE - High-Voltage Shutdown Enable
This write-only bit enables/disables automatic shutdown of
the high side and the low side drivers during a high-voltage
VSOV condition.
1 = automatic shutdown enabled
0 = automatic shutdown disabled
LINPE - LIN pull-up enable.
This write-only bit enables/disables the 30kΩ LIN pull-up
resistor in STOP and SLEEP Modes. This bit also controls
the LIN bus wake-up threshold.
1 = LIN pull-up resistor enabled
0 = LIN pull-up resistor disabled
Table 8. System Status Register
S7
S6
S5
S4
Read
VMS
LINS
HSS
LSS
VMS
BATFAIL
VDDOT
VSUV
VSOV
LINS
LINOC
LINOT
TXDOM
RXSHORT
Table 9. Mode Control Register - $0
C3
C2
C1
C0
Write
HVSE
LINPE
MOD2
MOD1
Reset
Value
11
-
-
Reset
Condition
POR
POR
-
-
HS2OP
HS2CL
HS1OP
HS1CL
HSS
LS2OP
LS2CL
LS1OP
LS1CL
LSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com