Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

33912 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33912
Description  LIN System Basis Chip with DC Motor Pre-driver and Current
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33912 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33912 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33912
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 5.5V
≤ V
SUP ≤ 18V, -40°C ≤ TA ≤ 125°C for the 33912 and -40°C ≤ TA ≤ 85°C for the
34912, unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
SUPPLY VOLTAGE RANGE (VS1, VS2)
Nominal Operating Voltage
VSUP
5.5
18
V
Functional Operating Voltage(16)
VSUPOP
27
V
Load Dump
VSUPLD
40
V
SUPPLY CURRENT RANGE (VSUP = 13.5V)
Normal Mode (IOUT at VDD = 10mA), LIN Recessive State
(17)
IRUN
4.5
10
mA
Stop Mode, VDD ON with IOUT = 100µA, LIN Recessive State
(17), (18), (19)
5.5V < VSUP < 12V
VSUP = 13.5V
ISTOP
48
58
80
90
µA
Sleep Mode, VDD OFF, LIN Recessive State(17), (19)
5.5V < VSUP < 12V
12V
≤ V
SUP < 13.5V
ISLEEP
27
37
35
48
µA
Cyclic Sense Supply Current Adder(20)
ICYCLIC
10
µA
SUPPLY UNDER/OVER VOLTAGE DETECTIONS
Power-On Reset (BATFAIL)(21)
Threshold (measured on VS1)(20)
Hysteresis (measured on VS1)(20)
VBATFAIL
VBATFAIL_HYS
1.5
3.0
0.9
3.9
V
Vsup under voltage detection (VSUV Flag) (Normal and Normal Request
Modes, Interrupt Generated)
Threshold (measured on VS1)
Hysteresis (measured on VS1)
VSUV
VSUV_HYS
5.55
6.0
1.0
6.6
V
Vsup over voltage detection (VSOV Flag) (Normal and Normal Request
Modes, Interrupt Generated)
Threshold (measured on VS1)
Hysteresis (measured on VS1)
VSOV
VSOV_HYS
18
19.25
1.0
20.5
V
Notes
16.
Device is fully functional. All features are operating.
17.
Total current (IVS1 + IVS2) measured at GND pins excluding all loads, cyclic sense disabled.
18.
Total IDD current (including loads) below 100µA.
19.
Stop and Sleep Modes current will increase if VSUP exceeds13.5V.
20.
This parameter is guaranteed by process monitoring but not production tested.
21.
The Flag is set during power up sequence. To clear the flag, a SPI read must be performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com