Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HD404369F Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # HD404369F
Description  microcomputer has an A/D converter
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404369F Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button HD404369F Datasheet HTML 100Page - Renesas Technology Corp HD404369F Datasheet HTML 101Page - Renesas Technology Corp HD404369F Datasheet HTML 102Page - Renesas Technology Corp HD404369F Datasheet HTML 103Page - Renesas Technology Corp HD404369F Datasheet HTML 104Page - Renesas Technology Corp HD404369F Datasheet HTML 105Page - Renesas Technology Corp HD404369F Datasheet HTML 106Page - Renesas Technology Corp HD404369F Datasheet HTML 107Page - Renesas Technology Corp HD404369F Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 117 page
background image
HD404369 Series
102
Electrical Characteristics
DC Characteristics (HD407A4369: V
CC
= 2.7 to 5.5 V, GND = 0 V, T
a
= –20 to +75
°C;
HD404364/HD404368/HD4043612/HD404369/HD40A4364/HD40A4368/HD40A43612/HD40A4369:V
CC = 2.7 to 6.0 V, GND = 0 V, Ta = –20 to +75°C, unless otherwise specified)
Item
Symbol
Pins
Min
Typ
Max
Unit
Test Condition Notes
Input high
voltage
V
IH
RESET, SCK,
INT
0, INT1,
STOPC, EVNB
0.8V
CC
—V
CC + 0.3
V
SI
0.7 V
CC
—V
CC + 0.3
V
OSC
1
V
CC – 0.5
—
V
CC + 0.3
V
Input low voltage V
IL
RESET, SCK,
INT
0, INT1,
STOPC, EVNB
–0.3
—
0.2V
CC
V
SI
–0.3
—
0.3V
CC
V
OSC
1
–0.3
—
0.5
V
Output high
voltage
V
OH
SCK, SO, TOC
V
CC – 0.5
—
—
V
–I
OH = 0.5 mA
Output low
voltage
V
OL
SCK, SO, TOC
—
—
0.4
V
I
OL = 0.4 mA
I/O leakage
current
|I
IL|
RESET, SCK,
SI, SO, TOC,
OSC
1, INT0,
INT
1, STOPC,
EVNB
——
1
µAV
in = 0 V to VCC
1
Current
dissipation in
active mode
I
CC
V
CC
—
—
5.0
mA
V
CC = 5 V,
f
OSC = 4 MHz
2
Current
dissipation in
standby mode
I
SBY
V
CC
—
—
2.0
mA
V
CC = 5 V,
f
OSC = 4 MHz
3
Current
dissipation in
subactive mode
I
SUB
V
CC
—
—
100
µAV
CC = 5 V,
32 kHz oscillator
4
Current
dissipation in
watch mode
I
WTC
V
CC
——
20
µAV
CC = 5 V,
32 kHz oscillator
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com