Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HD404369F Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # HD404369F
Description  microcomputer has an A/D converter
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404369F Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button HD404369F Datasheet HTML 104Page - Renesas Technology Corp HD404369F Datasheet HTML 105Page - Renesas Technology Corp HD404369F Datasheet HTML 106Page - Renesas Technology Corp HD404369F Datasheet HTML 107Page - Renesas Technology Corp HD404369F Datasheet HTML 108Page - Renesas Technology Corp HD404369F Datasheet HTML 109Page - Renesas Technology Corp HD404369F Datasheet HTML 110Page - Renesas Technology Corp HD404369F Datasheet HTML 111Page - Renesas Technology Corp HD404369F Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 117 page
background image
HD404369 Series
106
Standard f
OSC = 5 MHz Version AC Characteristics (HD404364/HD404368/HD4043612/HD404369:
V
CC = 2.7 to 6.0 V, GND = 0 V, Ta = –20 to +75°C)
Item
Symbol
Pins
Min
Typ
Max
Unit
Test Condition
Notes
Clock oscillation
frequency
f
OSC
OSC
1, OSC 2
0.4
4
5.0
MHz
1/4 system clock
division ratio
1
X1, X2
—
32.768 —
kHz
Instruction cycle
time
t
cyc
0.8
1
10
µs1
t
subcyc
—
244.14 —
µs
32-kHz oscillator,
1/8 system clock
division ratio
—
122.07 —
µs
32-kHz oscillator,
1/4 system clock
division ratio
Oscillation
stabilization time
(ceramic oscillator)
t
RC
OSC
1, OSC 2
—
—
7.5
ms
2
Oscillation
stabilization time
(crystal oscillator)
t
RC
OSC
1, OSC 2
—
—
40
ms
2
X1, X2
—
—
2
s
2
External clock high
width
t
CPH
OSC
1
80
—
—
ns
3
External clock low
width
t
CPL
OSC
1
80
—
—
ns
3
External clock rise
time
t
CPr
OSC
1
—
—
20
ns
3
External clock fall
time
t
CPf
OSC
1
—
—
20
ns
3
INT
0, INT1, EVNB
high widths
t
IH
INT
0, INT1, EVNB
2
—
—
t
cyc /
t
subcyc
4
INT
0, INT1, EVNB
low widths
t
IL
INT
0, INT1, EVNB
2
—
—
t
cyc /
t
subcyc
4
RESET low width
t
RSTL
RESET
2—
—
t
cyc
5
STOPC low width t
STPL
STOPC
1—
—
t
RC
6
RESET rise time
t
RSTr
RESET
—
—
20
ms
5
STOPC rise time
t
STPr
STOPC
—
—
20
ms
6
Input capacitance
C
in
All input pins
except R1 and R2
—
—
15
pF
f = 1 MHz,
V
in = 0 V
R1, R2
—
—
30
pF
f = 1 MHz,
V
in = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com