Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HD404369F Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # HD404369F
Description  microcomputer has an A/D converter
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404369F Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button HD404369F Datasheet HTML 108Page - Renesas Technology Corp HD404369F Datasheet HTML 109Page - Renesas Technology Corp HD404369F Datasheet HTML 110Page - Renesas Technology Corp HD404369F Datasheet HTML 111Page - Renesas Technology Corp HD404369F Datasheet HTML 112Page - Renesas Technology Corp HD404369F Datasheet HTML 113Page - Renesas Technology Corp HD404369F Datasheet HTML 114Page - Renesas Technology Corp HD404369F Datasheet HTML 115Page - Renesas Technology Corp HD404369F Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 117 page
background image
HD404369 Series
110
Serial Interface Timing Characteristics (HD407A4369: V
CC = 2.7 to 5.5 V, GND = 0 V, Ta = –20 to
+75
°C; HD404364/HD404368/HD4043612/HD404369/HD40A4364/HD40A4368/HD40A43612/HD40A
4369: V
CC = 2.7 to 6.0 V, GND = 0 V, Ta = –20 to +75°C, unless otherwise specified)
During Transmit Clock Output
Item
Symbol
Pins
Min
Typ
Max
Unit
Test Condition
Note
Transmit clock cycle
time
t
Scyc
SCK
1—
—
t
cyc
Load shown in figure 89
1
Transmit clock high
width
t
SCKH
SCK
0.4
—
—
t
Scyc
Load shown in figure 89
1
Transmit clock low
width
t
SCKL
SCK
0.4
—
—
t
Scyc
Load shown in figure 89
1
Transmit clock rise
time
t
SCKr
SCK
—
—
80
ns
Load shown in figure 89
1
Transmit clock fall
time
t
SCKf
SCK
—
—
80
ns
Load shown in figure 89
1
Serial output data
delay time
t
DSO
SO
—
—
300
ns
Load shown in figure 89
1
Serial input data setup
time
t
SSI
SI
100
—
—
ns
1
Serial input data hold
time
t
HSI
SI
200
—
—
ns
1
During Transmit Clock Input
Item
Symbol
Pins
Min
Typ
Max
Unit
Test Condition
Note
Transmit clock cycle
time
t
Scyc
SCK
1—
—
t
cyc
1
Transmit clock high
width
t
SCKH
SCK
0.4
—
—
t
Scyc
1
Transmit clock low
width
t
SCKL
SCK
0.4
—
—
t
Scyc
1
Transmit clock rise
time
t
SCKr
SCK
—
—
80
ns
1
Transmit clock fall
time
t
SCKf
SCK
—
—
80
ns
1
Serial output data
delay time
t
DSO
SO
—
—
300
ns
Load shown in figure 89
1
Serial input data setup
time
t
SSI
SI
100
—
—
ns
1
Serial input data hold
time
t
HSI
SI
200
—
—
ns
1
Note:
1. Refer to figure 88.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com