Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HD404369F Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # HD404369F
Description  microcomputer has an A/D converter
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404369F Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button HD404369F Datasheet HTML 106Page - Renesas Technology Corp HD404369F Datasheet HTML 107Page - Renesas Technology Corp HD404369F Datasheet HTML 108Page - Renesas Technology Corp HD404369F Datasheet HTML 109Page - Renesas Technology Corp HD404369F Datasheet HTML 110Page - Renesas Technology Corp HD404369F Datasheet HTML 111Page - Renesas Technology Corp HD404369F Datasheet HTML 112Page - Renesas Technology Corp HD404369F Datasheet HTML 113Page - Renesas Technology Corp HD404369F Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 117 page
background image
HD404369 Series
108
High-Speed f
OSC = 8.5 MHz Version AC Characteristics (HD407A4369: VCC = 2.7 to 5.5 V,
GND = 0
V, T
a = –20 to +75°C; HD40A4364/HD40A4368/HD40A43612/HD40A4369: V CC = 2.7 to 6.0 V, GND
= 0 V, T
a = –20 to +75°C)
Item
Symbol
Pins
Min
Typ
Max
Unit
Test Condition
Notes
Clock oscillation
frequency
f
OSC
OSC
1, OSC 2
0.4
4
5.0
MHz
1/4 system clock
division ratio
1
0.4
4
8.5
MHz
2, 3
X1, X2
—
32.768 —
kHz
Instruction cycle
time
t
cyc
0.8
1
10
µs1
0.47
1
10
µs
2, 3
t
subcyc
—
244.14 —
µs
32-kHz oscillator,
1/8 system clock
division ratio
—
122.07 —
µs
32-kHz oscillator,
1/4 system clock
division ratio
Oscillation
stabilization time
(ceramic oscillator)
t
RC
OSC
1, OSC 2
—
—
7.5
ms
4
Oscillation
stabilization time
(ceramic oscillator)
t
RC
OSC
1, OSC 2
—
—
40
ms
4
X1, X2
—
—
2
s
4
External clock high
width
t
CPH
OSC
1
80
——ns
5
47
—
—
ns
3, 5
External clock low
width
t
CPL
OSC
1
80
——ns
5
47
—
—
ns
3, 5
External clock rise
time
t
CPr
OSC
1
—
—
20
ns
5
—
—
15
ns
3, 5
External clock fall
time
t
CPf
OSC
1
—
—
20
ns
5
—
—
15
ns
3, 5
INT
0, INT1, EVNB
high widths
t
IH
INT
0, INT1,
EVNB
2
——t
cyc /
t
subcyc
6
INT
0, INT1, EVNB
low widths
t
IL
INT
0, INT1,
EVNB
2
——t
cyc /
t
subcyc
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com