Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HD404369F Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # HD404369F
Description  microcomputer has an A/D converter
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404369F Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button HD404369F Datasheet HTML 102Page - Renesas Technology Corp HD404369F Datasheet HTML 103Page - Renesas Technology Corp HD404369F Datasheet HTML 104Page - Renesas Technology Corp HD404369F Datasheet HTML 105Page - Renesas Technology Corp HD404369F Datasheet HTML 106Page - Renesas Technology Corp HD404369F Datasheet HTML 107Page - Renesas Technology Corp HD404369F Datasheet HTML 108Page - Renesas Technology Corp HD404369F Datasheet HTML 109Page - Renesas Technology Corp HD404369F Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 117 page
background image
HD404369 Series
104
I/O Characteristics for Standard Pins (HD407A4369: V
CC = 2.7 to 5.5 V, GND = 0 V, Ta = –20 to
+75
°C; HD404364/HD404368/HD4043612/HD404369/HD40A4364/HD40A4368/HD40A43612/HD40A
4369: V
CC = 2.7 to 6.0 V, GND = 0 V, Ta = –20 to +75°C, unless otherwise specified)
Item
Symbol
Pins
Min
Typ
Max
Unit
Test Condition Note
Input high voltage
V
IH
D
0–D 13,
R0, R3–R9, RA
1
0.7V
CC
—V
CC + 0.3
V
Input low voltage
V
IL
D
0–D 13,
R0, R3–R9, RA
1
–0.3
—
0.3V
CC
V
Output high voltage
V
OH
D
0–D 13,
R0, R3–R9
V
CC –
0.5
——
V
–I
OH = 0.5 mA
Output low voltage
V
OL
D
0–D 13,
R0, R3–R9
—
—
0.4
V
I
OL = 1.6 mA
Input leakage
current
|I
IL|D0–D 13,
R0, R3–R9, RA
1
——
1
µAV
in = 0 V to VCC
1
Pull-up MOS current –I
PU
D
0–D 13,
R0, R3–R9
30
150
300
µAV
CC = 5 V,
V
in = 0 V
Note:
1. Output buffer current is excluded.
I/O Characteristics for Intermediate-Voltage Pins (HD407A4369: V
CC = 2.7 to 5.5 V, GND = 0 V, Ta =
–20 to +75
°C; HD404364/HD404368/HD4043612/HD404369/HD40A4364/HD40A4368/HD40A43612/
HD40A4369: V
CC = 2.7 to 6.0 V, GND = 0 V, Ta = –20 to +75°C, unless otherwise specified)
Item
Symbol
Pins
Min
Typ
Max
Unit
Test Condition
Note
Input high voltage
V
IH
R1, R2
0.7V
CC
—12
V
Input low voltage
V
IL
R1, R2
–0.3
—
0.3V
CC
V
Output high voltage
V
OH
R1, R2
11.5
—
—
V
500 k
Ω at 12 V
Output low voltage
V
OL
R1, R2
—
—
0.4
V
I
OL = 0.4 mA
—
—
2.0
V
I
OL = 15 mA,
V
CC = 4.5 to 5.5 V
I/O leakage current
|I
IL|
R1, R2
—
—
20
µAV
in = 0 V to 12 V
1
Note:
1. Excludes output buffer current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com