Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HD404369F Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # HD404369F
Description  microcomputer has an A/D converter
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404369F Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button HD404369F Datasheet HTML 101Page - Renesas Technology Corp HD404369F Datasheet HTML 102Page - Renesas Technology Corp HD404369F Datasheet HTML 103Page - Renesas Technology Corp HD404369F Datasheet HTML 104Page - Renesas Technology Corp HD404369F Datasheet HTML 105Page - Renesas Technology Corp HD404369F Datasheet HTML 106Page - Renesas Technology Corp HD404369F Datasheet HTML 107Page - Renesas Technology Corp HD404369F Datasheet HTML 108Page - Renesas Technology Corp HD404369F Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 117 page
background image
HD404369 Series
103
Item
Symbol
Pins
Min
Typ
Max
Unit
Test Condition Notes
Current
dissipation in
stop mode
I
STOP
V
CC
——
10
µAV
CC = 5V,
X1 = GND,
X2 = Open
4
Stop mode
retaining voltage
V
STOP
V
CC
2—
—
V
Notes: 1. Excludes current flowing through pull-up MOS and output buffers.
2. I
CC is the source current when no I/O current is flowing while the MCU is in reset state.
Test conditions:
MCU:
Reset
Pins:
RESET, TEST at GND
3. I
SBY is the source current when no I/O current is flowing while the MCU timer is operating.
Test conditions:
MCU:
I/O reset
Standby mode
Pins:
RESET at V
CC
TEST at GND
D
0–D 13, R0–R9, RA 1 at V CC
4. This is the source current when no I/O current is flowing.
Test conditions:
Pins:
RESET at V
CC
TEST at GND
D
0–D 13, R0–R9, RA 1 at V CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com