Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HD404369F Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # HD404369F
Description  microcomputer has an A/D converter
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404369F Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button HD404369F Datasheet HTML 107Page - Renesas Technology Corp HD404369F Datasheet HTML 108Page - Renesas Technology Corp HD404369F Datasheet HTML 109Page - Renesas Technology Corp HD404369F Datasheet HTML 110Page - Renesas Technology Corp HD404369F Datasheet HTML 111Page - Renesas Technology Corp HD404369F Datasheet HTML 112Page - Renesas Technology Corp HD404369F Datasheet HTML 113Page - Renesas Technology Corp HD404369F Datasheet HTML 114Page - Renesas Technology Corp HD404369F Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 117 page
background image
HD404369 Series
109
Item
Symbol
Pins
Min
Typ
Max
Unit
Test Condition
Notes
RESET low width
t
RSTL
RESET
2
——t
cyc
7
STOPC low width t
STPL
STOPC
1
——t
RC
8
RESET rise time
t
RSTr
RESET
—
—
20
ms
7
STOPC rise time
t
STPr
STOPC
—
—
20
ms
8
Input capacitance
C
in
All input pins except
TEST, R1 and R2
—
—
15
pF
f = 1 MHz, V
in = 0 V
TEST
—
—
15
pF
f = 1 MHz, V
in = 0 V
9
TEST
—
—
180
pF
f = 1 MHz, V
in = 0 V
10
R1, R2
—
—
30
pF
f = 1 MHz, V
in = 0 V
Notes: 1. When using the subsystem oscillator (32.768 kHz), one of the following relationships for f
OSC
must be applied.
0.4 MHz
≤ f
OSC ≤ 1.0 MHz or 1.6 MHz ≤ fOSC ≤ 5.0 MHz
The operating range for f
OSC can be set with bit 1 of system clock selection register 1 (SSR1:
$027).
2. When using the subsystem oscillator (32.768 kHz), one of the following relationships for f
OSC
must be applied.
0.4 MHz
≤ f
OSC ≤ 1.0 MHz or 1.6 MHz ≤ f OSC ≤ 8.5 MHz
The operating range for f
OSC can be set with bit 1 of system clock selection register 1 (SSR1:
$027).
3. V
CC = 4.5 to 5.5V
4. The oscillation stabilization time is the period required for the oscillator to stabilize in the
following situations:
a. After V
CC reaches 2.7 V at power-on.
b. After
RESET input goes low when stop mode is cancelled.
c. After
STOPC input goes low when stop mode is cancelled.
To ensure the oscillation stabilization time at power-on or when stop mode is cancelled,
RESET
or
STOPC must be input for at least a duration of t
RC.
When using a crystal or ceramic oscillator, consult with the manufacturer to determine what
stabilization time is required, since it will depend on the circuit constants and stray capacitance.
5. Refer to figure 84.
6. Refer to figure 85.
7. Refer to figure 86.
8. Refer to figure 87.
9. Applies to the HD40A4364, HD40A4368, HD40A43612, and HD40A4369.
10. Applies to the HD407A4369.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com