Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HD404369F Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # HD404369F
Description  microcomputer has an A/D converter
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404369F Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button HD404369F Datasheet HTML 109Page - Renesas Technology Corp HD404369F Datasheet HTML 110Page - Renesas Technology Corp HD404369F Datasheet HTML 111Page - Renesas Technology Corp HD404369F Datasheet HTML 112Page - Renesas Technology Corp HD404369F Datasheet HTML 113Page - Renesas Technology Corp HD404369F Datasheet HTML 114Page - Renesas Technology Corp HD404369F Datasheet HTML 115Page - Renesas Technology Corp HD404369F Datasheet HTML 116Page - Renesas Technology Corp HD404369F Datasheet HTML 117Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 116 / 117 page
background image
HD404369 Series
114
HD404364/HD404368/HD4043612/HD404369/HD40A4364/HD40A4368/
HD40A43612/HD40A4369 Option List
Please check off the appropriate applications and enter the necessary information.
3. ROM Code Media
Date of order
Customer
Department
Name
ROM code name
LSI number
EPROM:
Ceramic oscillator
Crystal oscillator
External clock
f =
MHz
f =
MHz
f =
MHz
4. System Oscillator (OSC1, OSC2)
With 32-kHz CPU operation, with time base for clock
Without 32-kHz CPU operation, with time base for clock
Without 32-kHz CPU operation, without time base
2. Optional Functions
Note: * Options marked with an asterisk require a subsystem crystal oscillator (X1, X2).
The upper bits and lower bits are mixed together. The upper five bits and lower five bits
are programmed to the same EPROM in alternating order (i.e., LULULU...).
EPROM: The upper bits and lower bits are separated. The upper five bits and lower five bits are
programmed to different EPROMS.
5 MHz operation
8.5 MHz operation
5 MHz operation
8.5 MHz operation
5 MHz operation
8.5 MHz operation
5 MHz operation
8.5 MHz operation
HD404364
HD40A4364
HD404368
HD40A4368
HD4043612
HD40A43612
HD404369
HD40A4369
4-kword
8-kword
12-kword
16-kword
1. ROM size
DP-64S
FP-64B
FP-64A
6. Package
Please specify the first type below (the upper bits and lower bits are mixed together), when using
the EPROM on-package microcomputer type (including ZTAT™ version).
Used
Not used
5. Stop mode
*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com