Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CR05BS-8 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CR05BS-8
Description  Thyristor Low Power Use
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR05BS-8 Datasheet(HTML) 1 Page - Renesas Technology Corp

  CR05BS-8_07 Datasheet HTML 1Page - Renesas Technology Corp CR05BS-8_07 Datasheet HTML 2Page - Renesas Technology Corp CR05BS-8_07 Datasheet HTML 3Page - Renesas Technology Corp CR05BS-8_07 Datasheet HTML 4Page - Renesas Technology Corp CR05BS-8_07 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REJ03G0347-0200 Rev.2.00 Mar 22, 2007
Page 1 of 4
CR05BS-8
Thyristor
Low Power Use
REJ03G0347-0200
Rev.2.00
Mar 22, 2007
Features
• I
T (AV) : 0.1 A
• V
DRM : 400 V
• I
GT : 100
µA
• Non-Insulated Type
• Planar Passivation Type
• Completed Pb free product
Outline
RENESAS Package code: PRSS0004ZA-A
(
Package name:MPAK)
RENESAS Package code: PLSP0003ZA-A
(
Package name:SC-59)
LSP0
0003
1
1
3
3
2
2
1. Cathode
2. Anode
3. Gate
1
3
2
Applications
Strobe flasher
Maximum Ratings
Voltage class
Parameter
Symbol
8
Unit
Repetitive peak reverse voltage
VRRM
400
V
Non-repetitive peak reverse voltage
VRSM
500
V
DC reverse voltage
VR(DC)
320
V
Repetitive peak off-state voltage
Note1
VDRM
400
V
DC off-state voltage
Note1
VD(DC)
320
V


Similar Part No. - CR05BS-8_07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR05BS-8-ET13 RENESAS-CR05BS-8-ET13 Datasheet
106Kb / 4P
Thyristor Low Power Use
CR05BS-8-ET23 RENESAS-CR05BS-8-ET23 Datasheet
106Kb / 4P
Thyristor Low Power Use
CR05BS-8 RENESAS-CR05BS-8_15 Datasheet
84Kb / 5P
Thyristor Low Power Use
More results

Similar Description - CR05BS-8_07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR05AS-8 RENESAS-CR05AS-8 Datasheet
154Kb / 9P
Thyristor Low Power Use
CR02AM-8 RENESAS-CR02AM-8 Datasheet
89Kb / 8P
Thyristor Low Power Use
CR03AM-12 RENESAS-CR03AM-12 Datasheet
89Kb / 8P
Thyristor Low Power Use
CR3PM-12 RENESAS-CR3PM-12_05 Datasheet
90Kb / 8P
Thyristor Low Power Use
CR05AM-16 RENESAS-CR05AM-16 Datasheet
121Kb / 8P
Thyristor Low Power Use
CR04AM-12A RENESAS-CR04AM-12A Datasheet
111Kb / 9P
Thyristor Low Power Use
CR08AS-12 RENESAS-CR08AS-12_10 Datasheet
245Kb / 9P
Thyristor Low Power Use
CR3PM-12G RENESAS-CR3PM-12G Datasheet
87Kb / 7P
Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8_15 Datasheet
134Kb / 9P
Thyristor Low Power Use
CR05BS-8 RENESAS-CR05BS-8_15 Datasheet
84Kb / 5P
Thyristor Low Power Use
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com