Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 30Page - Renesas Technology Corp H8S/2426 Datasheet HTML 31Page - Renesas Technology Corp H8S/2426 Datasheet HTML 32Page - Renesas Technology Corp H8S/2426 Datasheet HTML 33Page - Renesas Technology Corp H8S/2426 Datasheet HTML 34Page - Renesas Technology Corp H8S/2426 Datasheet HTML 35Page - Renesas Technology Corp H8S/2426 Datasheet HTML 36Page - Renesas Technology Corp H8S/2426 Datasheet HTML 37Page - Renesas Technology Corp H8S/2426 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 1302 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 6 of 1270
REJ09B0466-0100
Type
Module/
Function
Description
8-bit timer (TMR)
• 8-bit timer × 2 channels (operation as a 16-bit timer is also
possible)
• Selection of seven clock sources: Six internal clock signals or
an external clock input
• Pulse output with an arbitrary duty cycle or PWM output
Timer
Programmable
pulse generator
(PPG)
• 16-bit pulse output
• Pulse outputs are divided into four groups
Non-overlap mode is available
Inverted output can be specified
• Can operate together with the data transfer controller (DTC)
and DMA controller (DMAC)
Watchdog
timer
Watchdog timer
(WDT)
• 8-bit timer × 1 channel (eight counter input clocks can be
selected)
• Switchable between watchdog timer mode and interval timer
mode
Serial
interface
• Five channels (asynchronous or clocked synchronous serial
communication mode)
• Full-duplex communication capability
• Choice of any bit rate and choice of LSB-first or MSB-first
Smart
Card/SIM
Serial
communication
interface (SCI)
SCI supports Smart Card (SIM) interface
I
2C bus interface 2
(IIC2)
• Four channels
• Continuous transmission/reception
• Start and stop conditions generated automatically in master
mode
• Selection of acknowledge output levels when receiving
• Automatic loading of acknowledge bit when transmitting
• Bit synchronization/wait function
High-
function
communi-
cations
Synchronous serial
communication
unit (SSU)
• One channel
• Master mode or slave mode can be selected
• Standard mode or bidirectional mode can be selected
• Full-duplex communication capability
• Consecutive serial communication capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com