Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 59Page - Renesas Technology Corp H8S/2426 Datasheet HTML 60Page - Renesas Technology Corp H8S/2426 Datasheet HTML 61Page - Renesas Technology Corp H8S/2426 Datasheet HTML 62Page - Renesas Technology Corp H8S/2426 Datasheet HTML 63Page - Renesas Technology Corp H8S/2426 Datasheet HTML 64Page - Renesas Technology Corp H8S/2426 Datasheet HTML 65Page - Renesas Technology Corp H8S/2426 Datasheet HTML 66Page - Renesas Technology Corp H8S/2426 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 1302 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 35 of 1270
REJ09B0466-0100
Pin No.
H8S/2426, H8S/2426R
H8S/2424
Type
Symbol
FP-144LV
TLP-145V
FP-120BV
I/O
Function
16-bit timer
pulse
unit (TPU)
TIOCA6
TIOCB6
TIOCC6
TIOCD6
14
15
16
17
E4
F3
G2
F1
12
13
14
15
Input/
output
TGRA_6 to TGRD_6 input
capture input/output compare
output/PWM output pins.
TIOCA7
TIOCB7
19
20
G4
H4
16
18
Input/
output
TGRA_7 and TGRB_7 input
capture input/output compare
output/PWM output pins.
TIOCA8
TIOCB8
21
22
G1
H2
19
20
Input/
output
TGRA_8 and TGRB_8 input
capture input/output compare
output/PWM output pins.
TIOCA9
TIOCB9
TIOCC9
TIOCD9
5
6
7
8
C1
C3
D2
D3
3
4
5
6
Input/
output
TGRA_9 to TGRD_9 input
capture input/output compare
output/PWM output pins.
TIOCA10
TIOCB10
9
11
D1
E3
7
9
Input/
output
TGRA_10 and TGRB_10
input capture input/output
compare output/PWM output
pins.
TIOCA11
TIOCB11
12
13
F2
E1
10
11
Input/
output
TGRA_11 and TGRB_11
input capture input/output
compare output/PWM output
pins.
PO15 to
PO8
49 to 42
L5, K6, K5, N4,
M5, L4, M4, N3
41 to 34
Output Pulse output pins.
Program-
mable
pulse
generator
(PPG)
PO7
PO6
PO5-A to
PO0-A
58 to 51
K7, L8, N7, M7,
N6, M6, L7, L6
49 to 42
PO5-B
PO4-B
PO3-B
PO2-B
PO1-B
PO0-B
61
135
59
134
33
133
M8
C6
K8
B5
L2
A6
50
111
85
110
86
109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com