Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 61Page - Renesas Technology Corp H8S/2426 Datasheet HTML 62Page - Renesas Technology Corp H8S/2426 Datasheet HTML 63Page - Renesas Technology Corp H8S/2426 Datasheet HTML 64Page - Renesas Technology Corp H8S/2426 Datasheet HTML 65Page - Renesas Technology Corp H8S/2426 Datasheet HTML 66Page - Renesas Technology Corp H8S/2426 Datasheet HTML 67Page - Renesas Technology Corp H8S/2426 Datasheet HTML 68Page - Renesas Technology Corp H8S/2426 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 1302 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 37 of 1270
REJ09B0466-0100
Pin No.
H8S/2426, H8S/2426R
H8S/2424
Type
Symbol
FP-144LV
TLP-145V
FP-120BV
I/O
Function
SCL3
SCL2
SCL1
SCL0
134
58
139
137
B5
K7
C5
A5
110
49
115
113
Input/
output
I
2C clock input/output pins.
I
2C bus
interface 2
(IIC2)
SDA3
SDA2
SDA1
SDA0
133
57
140
138
A6
L8
A4
B4
109
48
116
114
Input/
output
I
2C data input/output pins.
SSO0-A
SSO0-B
46
31
N4
J3
38
29
Input/
output
Data input/output pins.
SSI0-A
SSI0-B
47
30
K5
K2
39
28
Input/
output
Data input/output pins.
Synchro-
nous serial
commu-
nication
unit (SSU)
SSCK0-A
SSCK0-B
48
29
K6
J1
40
27
Input/
output
Clock input/output pins.
SCS0-A
SCS0-B
49
28
L5
K4
41
26
Input/
output
Chip select input/output pins.
TRST
D4
Input
TAP controller reset pin.
TMS
C7
Input
Control signal input pin for
boundary scan.
Boundary
scan*
2
(JTAG)
TDO
M3
Output Data output pin for boundary
scan.
TDI
D5
Input
Data input pin for boundary
scan.
TCK
B6
Input
Clock input pin for boundary
scan.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com