Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 355 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 355 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 351Page - Renesas Technology Corp H8S/2426 Datasheet HTML 352Page - Renesas Technology Corp H8S/2426 Datasheet HTML 353Page - Renesas Technology Corp H8S/2426 Datasheet HTML 354Page - Renesas Technology Corp H8S/2426 Datasheet HTML 355Page - Renesas Technology Corp H8S/2426 Datasheet HTML 356Page - Renesas Technology Corp H8S/2426 Datasheet HTML 357Page - Renesas Technology Corp H8S/2426 Datasheet HTML 358Page - Renesas Technology Corp H8S/2426 Datasheet HTML 359Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 327 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
13, 12
—
All 0
R/W
Reserved
These bits can be read from or written to.
However, the write value should always be 0.
11
DTA1
0
R/W
Data Transfer Acknowledge 1
These bits enable or disable clearing when DMA
transfer is performed for the internal interrupt
source selected by the DTF3 to DTF0 bits in
DMACR of channel 1.
It the DTA1 bit is set to 1 when DTE1 = 1, the
internal interrupt source is cleared automatically
by DMA transfer. When DTE1 = 1 and DTA1 = 1,
the internal interrupt source does not issue an
interrupt request to the CPU or DTC.
It the DTA1 bit is cleared to 0 when DTE1 = 1, the
internal interrupt source is not cleared when a
transfer is performed, and can issue an interrupt
request to the CPU or DTC in parallel. In this
case, the interrupt source should be cleared by
the CPU or DTC transfer.
When DTE1 = 0, the internal interrupt source
issues an interrupt request to the CPU or DTC
regardless of the DTA1 bit setting.
The state of the DTME1 bit does not affect the
above operations.
10
—
0
R/W
Reserved
This bit can be read from or written to. However,
the write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com