Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 371 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 371 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 367Page - Renesas Technology Corp H8S/2426 Datasheet HTML 368Page - Renesas Technology Corp H8S/2426 Datasheet HTML 369Page - Renesas Technology Corp H8S/2426 Datasheet HTML 370Page - Renesas Technology Corp H8S/2426 Datasheet HTML 371Page - Renesas Technology Corp H8S/2426 Datasheet HTML 372Page - Renesas Technology Corp H8S/2426 Datasheet HTML 373Page - Renesas Technology Corp H8S/2426 Datasheet HTML 374Page - Renesas Technology Corp H8S/2426 Datasheet HTML 375Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 343 of 1270
REJ09B0466-0100
Figure 7.3 illustrates operation in sequential mode.
Address T
Address B
Transfer
IOAR
1 byte or word transfer performed in
response to 1 transfer request
Legend:
Address T = L
Address B = L + (–1)DTID · (2DTSZ · (N – 1))
Where :
L = Value set in MAR
N = Value set in ETCR
Figure 7.3 Operation in Sequential Mode
The number of transfers is specified as 16 bits in ETCR. ETCR is decremented by 1 each time a
data transfer is executed, and when its value reaches H'0000, the DTE bit is cleared and data
transfer ends. If the DTIE bit is set to 1 at this time, an interrupt request is sent to the CPU or
DTC. The maximum number of transfers, when H'0000 is set in ETCR, is 65,536.
Transfer requests (activation sources) consist of A/D converter conversion end interrupts, external
requests, SCI transmission complete and reception complete interrupts, and TPU channel 0 to 5
compare match/input capture A interrupts. External requests can only be specified for channel B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com