Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 382 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 382 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 378Page - Renesas Technology Corp H8S/2426 Datasheet HTML 379Page - Renesas Technology Corp H8S/2426 Datasheet HTML 380Page - Renesas Technology Corp H8S/2426 Datasheet HTML 381Page - Renesas Technology Corp H8S/2426 Datasheet HTML 382Page - Renesas Technology Corp H8S/2426 Datasheet HTML 383Page - Renesas Technology Corp H8S/2426 Datasheet HTML 384Page - Renesas Technology Corp H8S/2426 Datasheet HTML 385Page - Renesas Technology Corp H8S/2426 Datasheet HTML 386Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 354 of 1270
REJ09B0466-0100
Figure 7.10 shows an example of the setting procedure for single address mode (when sequential
mode is specified).
Single address
mode setting
Set DMABCRH
Set transfer source and
transfer destination
addresses
Set number of transfers
Set DMACR
Read DMABCRL
Set DMABCRL
Single address mode
[1]
[2]
[3]
[4]
[5]
[6]
[1] Set each bit in DMABCRH.
• Clear the FAE bit to 0 to select short address
mode.
• Set the SAE bit to 1 to select single address
mode.
• Specify enabling or disabling of internal
interrupt clearing with the DTA bit.
[2] Set the transfer source address/transfer
destination address in MAR.
[3] Set the number of transfers in ETCR.
[4] Set each bit in DMACR.
• Set the transfer data size with the DTSZ bit.
• Specify whether MAR is to be incremented or
decremented with the DTID bit.
• Clear the RPE bit to 0 to select sequential
mode.
• Specify the transfer direction with the DTDIR
bit.
• Select the activation source with bits DTF3 to
DTF0.
[5] Read the DTE bit in DMABCRL as 0.
[6] Set each bit in DMABCRL.
• Specify enabling or disabling of transfer end
interrupts with the DTIE bit.
• Set the DTE bit to 1 to enable transfer.
Figure 7.10 Example of Single Address Mode Setting Procedure (When Sequential Mode Is
Specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com