| Electronic Components Datasheet Search |
|
H8S/2426 Datasheet(PDF) 424 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 Datasheet(HTML) 424 Page - Renesas Technology Corp |
|
424 / 1302 page ![]() Section 8 EXDMA Controller (EXDMAC) Rev. 1.00 Sep. 19, 2008 Page 396 of 1270 REJ09B0466-0100 8.3 Register Descriptions The EXDMAC has the following registers. • EXDMA source address register_2 (EDSAR_2) • EXDMA destination address register_2 (EDDAR_2) • EXDMA transfer count register_2 (EDTCR_2) • EXDMA mode control register_2 (EDMDR_2) • EXDMA address control register_2 (EDACR_2) • EXDMA source address register_3 (EDSAR_3) • EXDMA destination address register_3 (EDDAR_3) • EXDMA transfer count register_3 (EDTCR_3) • EXDMA mode control register_3 (EDMDR_3) • EXDMA address control register_3 (EDACR_3) 8.3.1 EXDMA Source Address Register (EDSAR) EDSAR is a 32-bit readable/writable register that specifies the transfer source address. An address update function is provided that updates the register contents to the next transfer source address each time transfer processing is performed. In single address mode, the EDSAR value is ignored when a device with DACK is specified as the transfer source. The upper 8 bits of EDSAR are reserved; they are always read as 0 and cannot be modified. Only 0 should be written to these bits. EDSAR can be read at all times by the CPU. When reading EDSAR for a channel on which EXDMA transfer processing is in progress, a longword-size read must be executed. Do not write to EDSAR for a channel on which EXDMA transfer is in progress. The initial values of EDSAR are undefined. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |