Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 492 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 492 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 488Page - Renesas Technology Corp H8S/2426 Datasheet HTML 489Page - Renesas Technology Corp H8S/2426 Datasheet HTML 490Page - Renesas Technology Corp H8S/2426 Datasheet HTML 491Page - Renesas Technology Corp H8S/2426 Datasheet HTML 492Page - Renesas Technology Corp H8S/2426 Datasheet HTML 493Page - Renesas Technology Corp H8S/2426 Datasheet HTML 494Page - Renesas Technology Corp H8S/2426 Datasheet HTML 495Page - Renesas Technology Corp H8S/2426 Datasheet HTML 496Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 492 / 1302 page
background image
Section 9 Data Transfer Controller (DTC)
Rev. 1.00 Sep. 19, 2008 Page 464 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
5
4
DM1
DM0
Undefined
Undefined
—
—
Destination Address Mode 1 and 0
These bits specify a DAR operation after a data
transfer.
0
×: DAR is fixed
10: DAR is incremented after a transfer
(by +1 when Sz = 0; by +2 when Sz = 1)
11: DAR is decremented after a transfer
(by –1 when Sz = 0; by –2 when Sz = 1)
3
2
MD1
MD0
Undefined
Undefined
—
—
DTC Mode
These bits specify the DTC transfer mode.
00: Normal mode
01: Repeat mode
10: Block transfer mode
11: Setting prohibited
1
DTS
Undefined
—
DTC Transfer Mode Select
Specifies whether the source side or the
destination side is set to be a repeat area or block
area, in repeat mode or block transfer mode.
0: Destination side is repeat area or block area
1: Source side is repeat area or block area
0
Sz
Undefined
—
DTC Data Transfer Size
Specifies the size of data to be transferred.
0: Byte-size transfer
1: Word-size transfer
Legend:
× : Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com