Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 519 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 519 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 515Page - Renesas Technology Corp H8S/2426 Datasheet HTML 516Page - Renesas Technology Corp H8S/2426 Datasheet HTML 517Page - Renesas Technology Corp H8S/2426 Datasheet HTML 518Page - Renesas Technology Corp H8S/2426 Datasheet HTML 519Page - Renesas Technology Corp H8S/2426 Datasheet HTML 520Page - Renesas Technology Corp H8S/2426 Datasheet HTML 521Page - Renesas Technology Corp H8S/2426 Datasheet HTML 522Page - Renesas Technology Corp H8S/2426 Datasheet HTML 523Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 519 / 1302 page
background image
Section 9 Data Transfer Controller (DTC)
Rev. 1.00 Sep. 19, 2008 Page 491 of 1270
REJ09B0466-0100
9.8
Usage Notes
9.8.1
Module Stop Mode Setting
DTC operation can be disabled or enabled using the module stop control register. The initial
setting is for DTC operation to be enabled. Register access is disabled by setting module stop
mode. Module stop mode cannot be set while the DTC is activated. For details, refer to section 24,
Power-Down Modes.
9.8.2
On-Chip RAM
The MRA, MRB, SAR, DAR, CRA, and CRB registers are all located in on-chip RAM. When the
DTC is used, the RAME bit in SYSCR must not be cleared to 0.
9.8.3
DTCE Bit Setting
For DTCE bit setting, use bit manipulation instructions such as BSET and BCLR. If all interrupts
are disabled, multiple activation sources can be set at one time (only at the initial setting) by
writing data after executing a dummy read on the relevant register.
9.8.4
DMAC Transfer End Interrupt
When DTC transfer is activated by a DMAC transfer end interrupt, regardless of the transfer
counter and DISEL bit, the DMAC's DTE bit is not subject to DTC control, and the write data has
priority. Consequently, an interrupt request may not be sent to the CPU when the DTC transfer
counter reaches 0.
9.8.5
Chain Transfer
When chain transfer is used, clearing of the activation source or DTCER is performed when the
last of the chain of data transfers is executed. SCI and high-speed A/D converter
interrupt/activation sources, on the other hand, are cleared when the DTC reads or writes to the
prescribed register. Therefore, when the DTC is activated by an interrupt or activation source, if a
read/write of the relevant register is not included in the last chained data transfer, the interrupt or
activation source will be retained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com