Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 659 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 659 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 655Page - Renesas Technology Corp H8S/2426 Datasheet HTML 656Page - Renesas Technology Corp H8S/2426 Datasheet HTML 657Page - Renesas Technology Corp H8S/2426 Datasheet HTML 658Page - Renesas Technology Corp H8S/2426 Datasheet HTML 659Page - Renesas Technology Corp H8S/2426 Datasheet HTML 660Page - Renesas Technology Corp H8S/2426 Datasheet HTML 661Page - Renesas Technology Corp H8S/2426 Datasheet HTML 662Page - Renesas Technology Corp H8S/2426 Datasheet HTML 663Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 659 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 631 of 1270
REJ09B0466-0100
10.13.4
Port E Pull-Up MOS Control Register (PEPCR)
PEPCR controls on/off of the input pull-up MOS for port E. PEPCR is valid in 8-bit bus mode.
Bit
Bit Name
Initial Value
R/W
Description
7
PE7PCR
0
R/W
6
PE6PCR
0
R/W
5
PE5PCR
0
R/W
4
PE4PCR
0
R/W
3
PE3PCR
0
R/W
2
PE2PCR
0
R/W
1
PE1PCR
0
R/W
0
PE0PCR
0
R/W
When PEDDR = 0 (input port), setting the
corresponding bit to 1 turns on the input pull-up
MOS for that pin.
10.13.5
Port E Open Drain Control Register (PEODR)
PEODR specifies the output type of each port E pin.
Bit
Bit Name
Initial Value
R/W
Description
7
PE7ODR
0
R/W
6
PE6ODR
0
R/W
5
PE5ODR
0
R/W
4
PE4ODR
0
R/W
3
PE3ODR
0
R/W
2
PE2ODR
0
R/W
1
PE1ODR
0
R/W
0
PE0ODR
0
R/W
When not specified for data output, setting a
PEODR bit to 1 makes the corresponding pin an
NMOS open-drain output pin, while clearing a
PEODR bit to 0 makes the corresponding pin a
CMOS output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com