Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 692 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 692 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 688Page - Renesas Technology Corp H8S/2426 Datasheet HTML 689Page - Renesas Technology Corp H8S/2426 Datasheet HTML 690Page - Renesas Technology Corp H8S/2426 Datasheet HTML 691Page - Renesas Technology Corp H8S/2426 Datasheet HTML 692Page - Renesas Technology Corp H8S/2426 Datasheet HTML 693Page - Renesas Technology Corp H8S/2426 Datasheet HTML 694Page - Renesas Technology Corp H8S/2426 Datasheet HTML 695Page - Renesas Technology Corp H8S/2426 Datasheet HTML 696Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 692 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 664 of 1270
REJ09B0466-0100
10.18
Port Function Control Registers
The port function controller performs I/O port control. The setting of input or output for each pin
should be enabled only after the input or output destination has been selected.
The port function controller has the following registers.
• Port function control register 0 (PFCR0)
• Port function control register 1 (PFCR1)
• Port function control register 2 (PFCR2)
• Port function control register 3 (PFCR3)
• Port function control register 4 (PFCR4)
• Port function control register 5 (PFCR5)
10.18.1
Port Function Control Register 0 (PFCR0)
PFCR0 switches the functions of the chip select output pins.
Bit
Bit Name
Initial Value
R/W
Description
7
CS7E
1
R/W
6
CS6E
1
R/W
5
CS5E
1
R/W
4
CS4E
1
R/W
3
CS3E
1
R/W
2
CS2E
1
R/W
1
CS1E
1
R/W
0
CS0E
1
R/W
CS7 to CS0 Enable
These bits enable or disable the corresponding
CSn output.
0: Pin is designated as I/O port
1: Pin is designated as
CSn output pin
(n = 7 to 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com