Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 701 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 701 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 697Page - Renesas Technology Corp H8S/2426 Datasheet HTML 698Page - Renesas Technology Corp H8S/2426 Datasheet HTML 699Page - Renesas Technology Corp H8S/2426 Datasheet HTML 700Page - Renesas Technology Corp H8S/2426 Datasheet HTML 701Page - Renesas Technology Corp H8S/2426 Datasheet HTML 702Page - Renesas Technology Corp H8S/2426 Datasheet HTML 703Page - Renesas Technology Corp H8S/2426 Datasheet HTML 704Page - Renesas Technology Corp H8S/2426 Datasheet HTML 705Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 701 / 1302 page
background image
Section 11 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Sep. 19, 2008 Page 673 of 1270
REJ09B0466-0100
Section 11 16-Bit Timer Pulse Unit (TPU)
This LSI has two on-chip 16-bit timer pulse units (TPU: unit 0 and unit 1) which each comprises
six 16-bit timer channels, resulting in a total of 12 channels. The functions of unit 0 are listed in
table 11.1, and the functions of unit 1 are listed in table 11.2. The block diagram of unit 0 is shown
in figure 11.1 and the block diagram of unit 1 is shown in figure 11.2.
The descriptions in this section refer to unit 0.
11.1
Features
• Maximum 16-pulse input/output
• Selection of 8 counter input clocks for each channel
• The following operations can be set for each channel:
 Waveform output at compare match
 Input capture function
 Counter clear operation
 Synchronous operations:
Multiple timer counters (TCNT) can be written to simultaneously
Simultaneous clearing by compare match and input capture possible
Register simultaneous input/output possible by counter synchronous operation
 Maximum of 15-phase PWM output possible by combination with synchronous operation
• Buffer operation settable for channels 0 and 3
• Phase counting mode settable independently for each of channels 1, 2, 4, and 5
• Cascaded operation
• Fast access via internal 16-bit bus
• 26 interrupt sources
• Automatic transfer of register data
• Programmable pulse generator (PPG) output trigger can be generated
• A/D converter conversion start trigger can be generated
• Module stop mode can be set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com