| Electronic Components Datasheet Search |
|
H8S/2426 Datasheet(PDF) 716 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 Datasheet(HTML) 716 Page - Renesas Technology Corp |
|
716 / 1302 page ![]() Section 11 16-Bit Timer Pulse Unit (TPU) Rev. 1.00 Sep. 19, 2008 Page 688 of 1270 REJ09B0466-0100 11.3.1 Timer Control Register (TCR) The TCR registers control the TCNT operation for each channel. The TPU has a total of six TCR registers, one for each channel. TCR register settings should be made only when TCNT operation is stopped. Bit Bit Name Initial Value R/W Description 7 6 5 CCLR2 CCLR1 CCLR0 0 0 0 R/W R/W R/W Counter Clear 2 to 0 These bits select the TCNT counter clearing source. See tables 11.4 and 11.5 for details. 4 3 CKEG1 CKEG0 0 0 R/W R/W Clock Edge 1 and 0 These bits select the input clock edge. When the input clock is counted using both edges, the input clock period is halved (e.g. φ/4 both edges = φ/2 rising edge). If phase counting mode is used on channels 1, 2, 4, and 5, this setting is ignored and the phase counting mode setting has priority. Internal clock edge selection is valid when the input clock is φ/4 or slower. This setting is ignored if the input clock is φ/1, or when overflow/underflow of another channel is selected. 00: Count at rising edge 01: Count at falling edge 1 ×: Count at both edges 2 1 0 TPSC2 TPSC1 TPSC0 0 0 0 R/W R/W R/W Time Prescaler 2 to 0 These bits select the TCNT counter clock. The clock source can be selected independently for each channel. See tables 11.6 to 11.11 for details. [Legend] ×: Don’t care |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |